Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP40-1205SG Datasheet(PDF) 10 Page - Recom International Power

Part # RP40-1205SG
Description  40 Watt Single, Dual & Triple Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP40-1205SG Datasheet(HTML) 10 Page - Recom International Power

Back Button RP40-1205SG Datasheet HTML 2Page - Recom International Power RP40-1205SG Datasheet HTML 3Page - Recom International Power RP40-1205SG Datasheet HTML 4Page - Recom International Power RP40-1205SG Datasheet HTML 5Page - Recom International Power RP40-1205SG Datasheet HTML 6Page - Recom International Power RP40-1205SG Datasheet HTML 7Page - Recom International Power RP40-1205SG Datasheet HTML 8Page - Recom International Power RP40-1205SG Datasheet HTML 9Page - Recom International Power RP40-1205SG Datasheet HTML 10Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
PD-10
REV.: 1/2016
www.recom-power.com
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP40-G
Series
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
4pcs.
12pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.


Similar Part No. - RP40-1205SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP40-1205SG RECOM-RP40-1205SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1205SG RECOM-RP40-1205SG Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
More results

Similar Description - RP40-1205SG

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAC40-3.3SA RECOM-RAC40-3.3SA Datasheet
82Kb / 2P
   40 Watt Single, Dual & Triple Output
RAC40-B RECOM-RAC40-B Datasheet
83Kb / 2P
   40 Watt Single/Dual/Double & Triple Output
RAC40-S-D-TB RECOM-RAC40-S-D-TB Datasheet
83Kb / 2P
   40 Watt Single/Dual/ Double & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG Datasheet
87Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-123.3SE RECOM-RP40-123.3SE_06 Datasheet
100Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-121.5SG RECOM-RP40-121.5SG_06 Datasheet
90Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
RP40-1233SE RECOM-RP40-1233SE Datasheet
89Kb / 5P
   40 Watt Single, Dual, Positive Dual & Triple Output
REC40-1205SRWB RECOM-REC40-1205SRWB Datasheet
87Kb / 2P
   40 Watt 2??x 2??Single, Dual & Triple Output
RPR40-243.3S RECOM-RPR40-243.3S Datasheet
195Kb / 6P
   40 Watt Single & Dual Output
RP40-GW RECOM-RP40-GW Datasheet
500Kb / 8P
   40 Watt Single, Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com