Electronic Components Datasheet Search |
|
RP30-1212SF Datasheet(PDF) 1 Page - Recom International Power |
|
RP30-1212SF Datasheet(HTML) 1 Page - Recom International Power |
1 / 8 page 30 Watt 2“x1“Package Single & Dual Output Features Regulated Converters • 2:1 Wide Input Voltage Range • 1.6kVDC Isolation • UL Certified • Efficiency up to 91% • Six-Sided Continuous Shield • No Minimum Load Required PD-1 REV.: 1/2016 www.recom-power.com DC/DC Converter 3 YEAR warranty 3 Description The RP30-F series DC/DC converters are designed to meet to UL 60950-1 and to cUL60950-1. This makes them ideal for all telecom and industrial applications where approved safety standards are required. The industry standard 2” x 1” package meets military standards for thermal shock and vibration tolerance. E196683 RP30-F Selection Guide Part Number Input Output Output Input(1) Efficiency(1) Max. Capacitive Voltage Range Voltage Current Current typ. Load(2) [VDC] [VDC] [mA] [mA] [%] [µF] RP30-123.3SF(3,4) 9-18 3.3 8000 2588 85 20000 RP30-1205SF(3,4) 9-18 5 6000 2874 87 14400 RP30-1212SF(3,4) 9-18 12 2500 2809 89 3000 RP30-1215SF(3,4) 9-18 15 2000 2809 89 2000 RP30-243.3SF(3,4) 18-36 3.3 8000 1264 87 20000 RP30-2405SF(3,4) 18-36 5 6000 1389 90 14400 RP30-2412SF(3,4) 18-36 12 2500 1374 91 3000 RP30-2415SF(3,4) 18-36 15 2000 1374 91 2000 RP30-483.3SF(3,4) 36-75 3.3 8000 632 87 20000 RP30-4805SF(3,4) 36-75 5 6000 694 90 14400 RP30-4812SF(3,4) 36-75 12 2500 687 91 3000 RP30-4815SF(3,4) 36-75 15 2000 687 91 2000 RP30-1205DF(3,4) 9-18 ±5 ±3000 2874 87 ±3000 RP30-1212DF(3,4) 9-18 ±12 ±1250 2874 87 ±2000 RP30-1215DF(3,4) 9-18 ±15 ±1000 2874 87 ±1300 RP30-2405DF(3,4) 18-36 ±5 ±3000 1389 90 ±3000 RP30-2412DF(3,4) 18-36 ±12 ±1250 1404 89 ±2000 RP30-2415DF(3,4) 18-36 ±15 ±1000 1389 90 ±1300 RP30-4805DF(3,4) 36-75 ±5 ±3000 694 90 ±3000 RP30-4812DF(3,4) 36-75 ±12 ±1250 710 88 ±2000 RP30-4815DF(3,4) 36-75 ±15 ±1000 702 89 ±1300 UL60950-1 Certified Model Numbering Ordering Examples RP30-2405SF = 24V Input, 5V Output, Positive Logic CTRL pin fitted RP30-4812DF/N-HC = 48V Input, ±12V Output, Negative Logic CTRL pin fitted, Heat-sink fitted Input Voltage Output Voltage Single or Dual RP30-__ __ _F/_ _ Package(4) Control Logic(3) Notes: Note3: no suffix for CTRL function with Positive Logic (1=ON, 0=OFF) add “N” for CTRL function with Negative Logic (0=ON, 1=OFF) Note4: add suffix -HC for premounted Heat-sink and clips Notes: Note1: Typical value at nominal input voltage and full load. Note2: Test by minimum Vin and constant resistor load. |
Similar Part No. - RP30-1212SF |
|
Similar Description - RP30-1212SF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |