Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RP30-1212SE Datasheet(PDF) 9 Page - Recom International Power

Part # RP30-1212SE
Description  30 Watt Single & Dual Output
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RP30-1212SE Datasheet(HTML) 9 Page - Recom International Power

  RP30-1212SE Datasheet HTML 1Page - Recom International Power RP30-1212SE Datasheet HTML 2Page - Recom International Power RP30-1212SE Datasheet HTML 3Page - Recom International Power RP30-1212SE Datasheet HTML 4Page - Recom International Power RP30-1212SE Datasheet HTML 5Page - Recom International Power RP30-1212SE Datasheet HTML 6Page - Recom International Power RP30-1212SE Datasheet HTML 7Page - Recom International Power RP30-1212SE Datasheet HTML 8Page - Recom International Power RP30-1212SE Datasheet HTML 9Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Quantity
without Heat-sink
with Heat-sink
Tube
Tray
5pcs.
15pcs.
Storage Temperature Range
-55°C to +125°C
Storage Humidity
5% - 95% RH
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
DC/DC Converter
Specifications measured at Ta = 25°C, nominal input voltage, full load otherwise noted
RP30-E
Series
PD-9
REV.: 1/2016
www.recom-power.com


Similar Part No. - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RP30-1212SE RECOM-RP30-1212SE Datasheet
98Kb / 4P
   20 Watt Single & Dual Output
RP30-1212SE RECOM-RP30-1212SE Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
More results

Similar Description - RP30-1212SE

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RPR30-243.3S RECOM-RPR30-243.3S Datasheet
196Kb / 6P
   30 Watt Single & Dual Output
RACM30-K_277 RECOM-RACM30-K_277 Datasheet
1Mb / 10P
   30 Watt Single/Dual Output
REV.: 0/2023
RP30-241.5SEW RECOM-RP30-241.5SEW_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
RP30-EW RECOM-RP30-EW Datasheet
559Kb / 8P
   30 Watt Single & Dual Output
RP30-241.5SEW RECOM-RP30-241.5SEW Datasheet
97Kb / 4P
   30 Watt Single & Dual Output
RPP30-W RECOM-RPP30-W Datasheet
139Kb / 4P
   30 Watt Single & Dual Output
RP30-121.5SE RECOM-RP30-121.5SE_06 Datasheet
86Kb / 4P
   30 Watt Single & Dual Output
REC30-242.5SRWZ RECOM-REC30-242.5SRWZ Datasheet
78Kb / 2P
   30 Watt Single & Dual Output
RP30-F RECOM-RP30-F Datasheet
562Kb / 8P
   30 Watt Single & Dual Output
REC30-243.4SZ RECOM-REC30-243.4SZ Datasheet
332Kb / 7P
   30 Watt Single and Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com