Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSH121 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # BSH121
Description  N-channel enhancement mode field-effect transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH121 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button BSH121 Datasheet HTML 5Page - NXP Semiconductors BSH121 Datasheet HTML 6Page - NXP Semiconductors BSH121 Datasheet HTML 7Page - NXP Semiconductors BSH121 Datasheet HTML 8Page - NXP Semiconductors BSH121 Datasheet HTML 9Page - NXP Semiconductors BSH121 Datasheet HTML 10Page - NXP Semiconductors BSH121 Datasheet HTML 11Page - NXP Semiconductors BSH121 Datasheet HTML 12Page - NXP Semiconductors BSH121 Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Philips Semiconductors
BSH121
N-channel enhancement mode field-effect transistor
Product specification
Rev. 01 — 14 August 2000
9 of 13
9397 750 07302
© Philips Electronics N.V. 2000. All rights reserved.
9.
Package outline
Fig 15. SOT323.
UNIT
A1
max
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.1
1.1
0.8
0.4
0.3
0.25
0.10
2.2
1.8
1.35
1.15
0.65
e
1.3
2.2
2.0
0.23
0.13
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.45
0.15
SOT323
SC-70
w M
bp
D
e1
e
A
B
A1
Lp
Q
detail X
c
HE
E
v M A
A
B
y
0
1
2 mm
scale
A
X
12
3
Plastic surface mounted package; 3 leads
SOT323
97-02-28


Similar Part No. - BSH121

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
BSH121 NEXPERIA-BSH121 Datasheet
397Kb / 14P
   N-channel enhancement mode field-effect transistor
Rev. 01 - 14 August 2000
More results

Similar Description - BSH121

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BS870 DIODES-BS870 Datasheet
63Kb / 2P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11302 Rev. G-2
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
DT453N DIODES-DT453N Datasheet
73Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS11608 Rev. C-4
logo
NXP Semiconductors
PH8230 PHILIPS-PH8230 Datasheet
214Kb / 12P
   N-channel enhancement mode field-effect transistor
Rev. 01-23 June 2003
logo
Unisonic Technologies
2N7002 UTC-2N7002 Datasheet
148Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
Chino-Excel Technology
CEP13N10 CET-CEP13N10 Datasheet
98Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP50N06 CET-CEP50N06 Datasheet
391Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP65A3 CET-CEP65A3 Datasheet
101Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP80N75 CET-CEP80N75 Datasheet
400Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
CEP658N CET-CEP658N Datasheet
491Kb / 4P
   N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com