Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8282CD-IS Datasheet(PDF) 2 Page - Silicon Laboratories

Part # Si8282CD-IS
Description  4.0 Amp ISODrivers with Integrated DC-DC Converters
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8282CD-IS Datasheet(HTML) 2 Page - Silicon Laboratories

  Si8282CD-IS Datasheet HTML 1Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 2Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 3Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 4Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 5Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 6Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 7Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 8Page - Silicon Laboratories Si8282CD-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
1. Ordering Guide
Ordering Part
Number (OPN)
UVLO
Voltage
DC/DC Features
Package
Shutdown
Soft Start
Frequency
Control
External Switch
Si8281BD-IS
9 V
No
No
No
No
WB SOIC-20
Si8281CD-IS
12 V
No
No
No
No
WB SOIC-20
Si8282BD-IS
9 V
No
No
No
Yes
WB SOIC-20
Si8282CD-IS
12 V
No
No
No
Yes
WB SOIC-20
Si8283BD-IS
(Sampling)
9 V
Yes
Yes
Yes
No
WB SOIC-24
Si8283CD-IS
(Sampling)
12 V
Yes
Yes
Yes
No
WB SOIC-24
Si8284BD-IS
(Sampling)
9 V
Yes
Yes
Yes
Yes
WB SOIC-24
Si8284CD-IS
(Sampling)
12 V
Yes
Yes
Yes
Yes
WB SOIC-24
Note: Add an "R" at the end of the Part Number to denote Tape and Reel option.
Si8281/82/83/84 Data Sheet
Ordering Guide
silabs.com | Smart. Connected. Energy-friendly.
Preliminary Rev. 0.5 | 1


Similar Part No. - Si8282CD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8282CD-IS SKYWORKS-SI8282CD-IS Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
More results

Similar Description - Si8282CD-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8281 SKYWORKS-SI8281 Datasheet
1Mb / 45P
   SiC FET-Ready ISODrivers with Integrated DC-DC Converters
Revision 206406A October, 2022
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
SI823X SILABS-SI823X_V01 Datasheet
994Kb / 59P
   Amp ISOdrivers
logo
Analog Devices
ADUM5210 AD-ADUM5210 Datasheet
555Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM6210 AD-ADUM6210 Datasheet
532Kb / 24P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
REV. 0
ADUM5410 AD-ADUM5410 Datasheet
843Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6410 AD-ADUM6410 Datasheet
874Kb / 29P
   Quad-Channel Isolators with Integrated DC-to-DC Converters
ADUM6210 AD-ADUM6210_V01 Datasheet
525Kb / 23P
   Dual-Channel Isolators with Integrated DC-to-DC Converters
Rev. D
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com