Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5001 Datasheet(PDF) 8 Page - Silicon Laboratories

Part # 5001
Description  ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

5001 Datasheet(HTML) 8 Page - Silicon Laboratories

Back Button 5001 Datasheet HTML 4Page - Silicon Laboratories 5001 Datasheet HTML 5Page - Silicon Laboratories 5001 Datasheet HTML 6Page - Silicon Laboratories 5001 Datasheet HTML 7Page - Silicon Laboratories 5001 Datasheet HTML 8Page - Silicon Laboratories 5001 Datasheet HTML 9Page - Silicon Laboratories 5001 Datasheet HTML 10Page - Silicon Laboratories 5001 Datasheet HTML 11Page - Silicon Laboratories 5001 Datasheet HTML 12Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Si3402BISO-EVB
8
Rev. 1.2
4. Bill of Materials
The following bill of materials is for a 5 V Class 3 design. For Class 1 and Class 2 designs, in addition to updating
the classification resistor (R3), the external diode bridge (D8–D15) can be removed to reduce BOM costs. Tables 2
and 3 list changes to the bill of materials for other output voltages and classification levels. Refer to “AN956: Using
the Si3402B PoE PD Controller in Isolated and Non-Isolated Designs” for more information.
Table 1. Si3402BISO-EVB Bill of Materials
Qty
Value
Ref
Rating
Voltage
Tol
Type
PCB Footprint
Mfr Part Number
Mfr
3
1 µF
C1, C3, C4
100 V
±10%
X7R
C1210
C1210X7R101-105K
Venkel
1
12 µF
C2
100 V
±20%
Alum_Elec
C2.5X6.3MM-RAD
EEUFC2A120
Panasonic
1
1000 µF
C5
6.3 V
±20%
Alum_Elec
C3.5X8MM-RAD
ECA0JM102
Panasonic
1
100 µF
C6
6.3 V
±10%
X5R
C1210
C1210X5R6R3-107K
Venkel
1
470 pF
C7
50 V
±10%
X7R
C0805
C0805X7R500-471K
Venkel
1
3.3 nF
C9
16 V
±10%
X7R
C0805
C0805X7R160-332K
Venkel
8
1 nF
C10, C11, C12, C13,
C14, C15, C16, C17
100 V
±10%
X7R
C0603
C0603X7R101-102K
Venkel
1
0.1 µF
C18
100 V
±10%
X7R
C0805
C0805X7R101-104K
Venkel
2
1 nF
C19, C20
3000 V
±10%
X7R
C1808
C1808X7R302-102K
Venkel
1
15 nF
C21
16 V
±10%
X7R
C0805
C0805X7R160-153K
Venkel
1
0.1 µF
C22
16 V
±10%
X7R
C0805
C0805X7R160-104K
Venkel
1
1N4148W
D1
2 A
100 V
Fast
SOD123
1N4148W
Diodes Inc
1
DFLT30A-7
D2
4.65 A
30 V
Zener
POWERDI-123
DFLT30A-7
Diodes Inc.
1
PDS1040
D3
10 A
40 V
Schottky
POWERDI-5
PDS1040-13
Diodes Inc.
8
SS2150
D8, D9, D10, D11,
D12, D13, D14, D15
2 A
150 V
Single
DO-214AC
SS2150-LTP
MCC
1
RJ-45
J1
Receptacle
RJ45-SI-52004
SI-52003-F
Bel
2
BND_POST
J11, J12
15 A
Banana
Banana-Jack
101
ABBATRON
HH SMITH
1
1 µH
L1
2.9 A
±20%
Shielded
IND-6.6X4.45MM
DO1608C-102ML_
Coilcraft
4330
L2, L3, L4, L5
1500 mA
SMT
L0805
BLM21PG331SN1
MuRata
1330
R1
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-3300F
Venkel
1
49.9 k
R2
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-4992F
Venkel
1
48.7
R3
1/8 W
±1%
ThickFilm
R0805
CRCW080548R7FKTA
Vishay
1
24.3 k
R4
1/8 W
±1%
ThickFilm
R0805
CRCW080524K3FKEA
Vishay
1
36.5 k
R5
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-3652F
Venkel
1
12.1 k
R6
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-1212F
Venkel
12.05 k
R7
1/16 W
±1%
ThickFilm
R0603
CR0603-16W-2051F
Venkel
20
R8, R12
2 A
ThickFilm
R0805
CR0805-10W-000
Venkel
110
R10
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-10R0F
Venkel
14.99 k
R11
1/10 W
±1%
ThickFilm
R0805
CR0805-10W-4991F
Venkel
1
FA2924
T1
XFMR-FA2924
FA2924-AL
Coilcraft
1
Si3402B
U1
100
PD
QFN20N5X5P0.8
Si3402B
Silicon Labs
1
VO618A-3X017T
U2
SO4N10.16P2.54-AKEC
VO618A-3X017T
Vishay
1
TLV431
U3
Shunt
TLV431-DBZ
TLV431BCDBZR
TI
Not Installed Components
7
Black
TP1, TP2, TP3, TP4,
TP5, TP6, TP7
Loop
Testpoint
5001
Keystone


Similar Part No. - 5001

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5001 POMONA-5001 Datasheet
21Kb / 1P
   Adapter, Binding Posts To Miniature (Bantam) Plug
logo
Silicon Laboratories
5001 SILABS-5001 Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Keystone Electronics Co...
5001 KEYSTONE-5001 Datasheet
277Kb / 1P
   THRU HOLE MOUNT TEST POINTS - COLOR KEYED
logo
Schurter Inc.
5001 SCHURTER-5001 Datasheet
388Kb / 3P
   IEC Appliance Outlet F, Screw-on Mounting, Rear Side, PCB-/Solder Terminal
5001 SCHURTER-5001 Datasheet
308Kb / 4P
   IEC Appliance Outlet F, Screw-on Mounting, Rear Side, PCB-/Solder Terminal
More results

Similar Description - 5001

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com