Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si5347C-D-GM Datasheet(PDF) 9 Page - Silicon Laboratories

Part # Si5347C-D-GM
Description  Dual/Quad DSPLL Any-Frequency, Any-Output Jitter Attenuators
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5347C-D-GM Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button Si5347C-D-GM Datasheet HTML 5Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 6Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 7Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 8Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 9Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 10Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 11Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 12Page - Silicon Laboratories Si5347C-D-GM Datasheet HTML 13Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
3.6.4 Input Configuration and Terminations
Each of the inputs can be configured as differential or single-ended LVCMOS. The recommended input termination schemes are shown
in the figure below. Standard 50% duty cycle signals must be ac-coupled, while low duty cycle Pulsed CMOS signals can be dc-cou-
pled. Unused inputs can be disabled and left unconnected when not in use.
Standard AC-coupled Single-ended
100
Standard AC-coupled Differential LVPECL
3.3 V, 2.5 V
LVPECL
INx
INxb
INx
INxb
50
50
50
Si5347/46
Si5347/46
3.3 V, 2.5 V, 1.8 V
LVCMOS
Pulsed CMOS
Standard
Standard
Pulsed CMOS
Pulsed CMOS DC-coupled Single-ended
3.3 V, 2.5 V, 1.8 V
LVCMOS
INx
INxb
Pulsed CMOS
Standard
Si5347/46
50
R
2
R1
VDD R1 (Ohm) R2 (Ohm)
1.8V
324
665
2.5V
511
475
3.3V
634
365
Resistor values for
fIN_PULSED < 1 MHz
50
100
Standard AC-coupled Differential LVDS
INx
INxb
3.3 V, 2.5 V
LVDS or CML
50
Si5347/46
Pulsed CMOS
Standard
Figure 3.5. Termination of Differential and LVCMOS Input Signals
3.6.5 Hitless Input Switching
Hitless switching is a feature that prevents a phase offset from propagating to the output when switching between two clock inputs that
have a fixed phase relationship. A hitless switch can only occur when the two input frequencies are frequency locked, meaning that
they have to be exactly at the same frequency, or at an integer frequency relationship to each other. When hitless switching is enabled,
the DSPLL simply absorbs the phase difference between the two input clocks during an input switch. When disabled, the phase differ-
ence between the two inputs is propagated to the output at a rate determined by the DSPLL Loop Bandwidth. The hitless switching
feature supports clock frequencies down to the minimum input frequency of 8 kHz. Hitless switching can be enabled on a per DSPLL
basis.
Si5347/46 Rev D Data Sheet
Functional Description
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 8


Similar Part No. - Si5347C-D-GM

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5347C-D-GM SKYWORKS-SI5347C-D-GM Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
More results

Similar Description - Si5347C-D-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5347 SILABS-SI5347 Datasheet
2Mb / 59P
   DUAL/QUAD DSPLL ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATORS
logo
Skyworks Solutions Inc.
SI5347 SKYWORKS-SI5347 Datasheet
879Kb / 56P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.1
SI5397 SKYWORKS-SI5397 Datasheet
1Mb / 60P
   Dual/Quad DSPLL™ Any-Frequency, Any-Output Jitter Attenuators
Rev. 1.2
logo
Silicon Laboratories
SI5341 SILABS-SI5341 Datasheet
2Mb / 56P
   LOW-JITTER, 10-OUTPUT, ANY-FREQUENCY, ANY-OUTPUT CLOCK GENERATOR
SI5345 SILABS-SI5345_16 Datasheet
1Mb / 60P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
SI5345 SILABS-SI5345 Datasheet
1Mb / 62P
   10-CHANNEL, ANY-FREQUENCY, ANY-OUTPUT JITTER ATTENUATOR/CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5391 SKYWORKS-SI5391 Datasheet
1Mb / 45P
   Ultra Low-Jitter, 12-Output, Any-Frequency, Any-Output Clock Generator
Rev. 0.7
SI5345 SKYWORKS-SI5345 Datasheet
976Kb / 58P
   10-Channel, Any-Frequency, Any-Output Jitter Attenuator/ Clock Multiplier
Rev. 1.2
SI5334 SKYWORKS-SI5334 Datasheet
1Mb / 37P
   PIN-CONTROLLED ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.3
SI5341 SKYWORKS-SI5341 Datasheet
1Mb / 49P
   Low-Jitter, 10 or 4-Output, Any-Frequency, Any-Output Clock Generator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com