Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805X7R500- Datasheet(PDF) 11 Page - Silicon Laboratories

Part # C0805X7R500-
Description  ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C0805X7R500- Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button C0805X7R500- Datasheet HTML 6Page - Silicon Laboratories C0805X7R500- Datasheet HTML 7Page - Silicon Laboratories C0805X7R500- Datasheet HTML 8Page - Silicon Laboratories C0805X7R500- Datasheet HTML 9Page - Silicon Laboratories C0805X7R500- Datasheet HTML 10Page - Silicon Laboratories C0805X7R500- Datasheet HTML 11Page - Silicon Laboratories C0805X7R500- Datasheet HTML 12Page - Silicon Laboratories C0805X7R500- Datasheet HTML 13Page - Silicon Laboratories C0805X7R500- Datasheet HTML 14Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Si3402BISO-EVB
Rev. 1.2
11
A PPENDIX—Si3402BISO D ESIGN AND L AYOUT
C HECKLIST
Introduction
Although all four EVB designs are preconfigured as Class 3 PDs with 5 V outputs, the schematics and layouts can
easily be adapted to meet a wide variety of common output voltages and power levels.
The complete EVB design databases for the standard 5 V/Class 3 configuration are included in the EVB kit and
can also be requested through Silicon Labs customer support at www.silabs.com/PoE under the “Documentation”
link. Silicon Labs strongly recommends using these EVB schematics and layout files as a starting point to ensure
robust performance and to help avoid common mistakes in the schematic capture and PCB layout processes.
Following are recommended design checklists that can assist in trouble-free development of robust PD designs:
Refer also to the Si3402B data sheet and AN956 when using the checklists below.
1. Design Planning Checklist:
a. Silicon Labs strongly recommends using the EVB schematics and layout files as a starting point as you
begin integrating the Si3402B into your system design process.
b. Determine your load’s power requirements (i.e., VOUT and IOUT consumed by the PD, including the
typical expected transient surge conditions). In general, to achieve the highest overall efficiency
performance of the Si3402, choose the highest voltage used in your PD and then post regulate to the
lower supply rails, if necessary.
c. If your PD design consumes >7 W, make sure you bypass the Si3402’s on-chip diode bridges with
external Schottky diode bridges or discrete Schottky diodes. Bypassing the Si3402’s on-chip diode
bridges with external bridges or discrete diodes is required to help spread the heat generated in designs
dissipating >7W.
d. Based on your required PD power level, select the appropriate class resistor value by referring to Table 3
of AN956. This sets the Rclass resistor (R3 in Figure 1 on page 2).
e. The feedback loop stability has been checked over the entire load range for the specific component
choices in Table 1. Low ESR filter capacitors will give better load transient response and lower output
ripple so they are generally preferred. For the standard ESR capacitor, the ESR increase at very low
temperatures may cause a loop stability issue. A typical evaluation board has been shown to exhibit
instability under very heavy loads at –20 °C. Due to self-heating, this condition is not a great concern.
However, using a low ESR filter capacitor solves this problem (but requires some recompensation of the
feedback loop). Silicon Laboratories recommends against component substitution in the filtering and
feedback path as this may result in unstable operation. Also, use care in situations that have additional
capacitive loading as this will also affect loop stability.
2. General Design Checklist Items:
a. ESD caps (C10–C17 in Figure 1) are strongly recommended for designs where system-level ESD
(IEC6100-4-2) must provide >15 kV tolerance.
b. If your design uses an AUX supply, make sure to include a 3
 surge limiting resistor in series with the
AUX supply for hot insertion. Refer to AN956 when AUX supply is 48 V.
c. Silicon Labs strongly recommends the inclusion of a minimum load (250 mW) to avoid switcher pulsing
when no load is present, and to avoid false disconnection when less than 10 mA is drawn from the PSE.
If your load is not at least 250 mW, add a resistor load to dissipate at least 250 mW.
d. If using PLOSS function, make sure it’s properly terminated for connection in your PD subsystem. If
PLOSS is not needed, leave this pin floating.


Similar Part No. - C0805X7R500-

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C0805X7R101-104K SILABS-C0805X7R101-104K Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
C0805X7R160-104K SILABS-C0805X7R160-104K Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
C0805X7R160-151K SILABS-C0805X7R160-151K Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
C0805X7R160-225M SKYWORKS-C0805X7R160-225M Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
C0805X7R160-225M SKYWORKS-C0805X7R160-225M Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - C0805X7R500-

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402B SILABS-SI3402B Datasheet
452Kb / 13P
   NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
logo
Sames
PM9903BPE SAMES-PM9903BPE Datasheet
1Mb / 22P
   Evaluation Board for the SA9903B Energy
logo
Silicon Laboratories
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com