Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0805X7R160-151K Datasheet(PDF) 9 Page - Silicon Laboratories

Part # C0805X7R160-151K
Description  NON-ISOLATED EVALUATION BOARD FOR THE Si3402B
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C0805X7R160-151K Datasheet(HTML) 9 Page - Silicon Laboratories

Back Button C0805X7R160-151K Datasheet HTML 5Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 6Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 7Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 8Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 9Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 10Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 11Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 12Page - Silicon Laboratories C0805X7R160-151K Datasheet HTML 13Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Si3402B-EVB
Rev. 1.1
9
4. BOM Options
The Si3402B non-isolated EVB has been compensated for eight different output voltage and filter combinations:
3.3 V output standard ESR 1000 µF 6.3 V filter
5 V output standard ESR 1000 µF 6.3 V filter
9 output standard ESR 470 µF 16 V filter
12 V output standard ESR 470 µF 16 V filter
3.3 V output low ESR 560 µF 6.3 V filter
5 V output low ESR 560 µF 6.3 V filter
9 V output low ESR 330 µF 16 V filter
12 V output low ESR 330 µF 16 V filter
For the standard ESR capacitor, the ESR increase at very low temperatures may cause a loop stability issue. A
typical evaluation board has been shown to exhibit instability under very heavy loads at –20 °C. Due to
self-heating, this condition is not a great concern. However, using a low ESR filter capacitor solves this problem
(but requires some recompensation of the feedback loop). The low ESR capacitor also improves load transient
response and output ripple.
The Si3402B (non–isolated) EVB was designed with a very simple compensation consisting of R7 and C7.
The standard evaluation board is optimized for a standard ESR filter capacitor for 5 V output.
The following table gives the options that have been tested for other situations.
VOUT
R6
(To Adjust Output
Voltage)
Filter Cap C5
(Type FM are
Low ESR)
Filter Cap Part
Number
(Panasonic)
R7
C7
3.3 V
4.64 k
1000µF, 6.3V
ECA0JM102
47k
1nF
3.3 V
4.64 k
560 µF, 6.3 V
EEUFM0J561
47 k
1nF
5.0 V
8.66 k
1000µF, 6.3V
ECA0JM102
47k
1nF
5.0 V
8.66 k
560 µF, 6.3 V
EEUFM0J561
47 k
1nF
9.0 V
18.2 k
470 µF, 16 V
ECA1CM471
47 k
1nF
9.0 V
18.2 k
330 µF, 16 V
EEUFM1C331
47 k
1nF
12.0 V
25.5 k
470 µF, 16 V
ECA1CM471
47 k
1nF
12.0 V
25.5 k
330 µF, 16 V
EEUFM1C331
47 k
1nF


Similar Part No. - C0805X7R160-151K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C0805X7R160- SILABS-C0805X7R160- Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
logo
Skyworks Solutions Inc.
C0805X7R160-225M SKYWORKS-C0805X7R160-225M Datasheet
653Kb / 47P
   PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
C0805X7R160-225M SKYWORKS-C0805X7R160-225M Datasheet
1Mb / 59P
   SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - C0805X7R160-151K

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3402BISO-EVB SILABS-SI3402BISO-EVB Datasheet
431Kb / 14P
   ISOLATED EVALUATION BOARD FOR THE Si3402B
SI3402-EVB SILABS-SI3402-EVB Datasheet
1Mb / 14P
   NON-ISOLATED EVALUATION BOARD
SI3402ISO-EVB SILABS-SI3402ISO-EVB Datasheet
288Kb / 16P
   ISOLATED EVALUATION BOARD FOR THE Si3402
SI3400-EVB SILABS-SI3400-EVB Datasheet
225Kb / 14P
   The Si3400, Si3401, and Si3402 non-isolated evaluation
logo
Analog Devices
EVAL-ADP1720 AD-EVAL-ADP1720_15 Datasheet
264Kb / 8P
   Evaluation Board for the ADP1720
REV. 0
logo
Cirrus Logic
CDB44L11 CIRRUS-CDB44L11 Datasheet
783Kb / 20P
   Evaluation Board for the CS44L11
logo
Analog Devices
AD623-EVAL AD-AD623-EVAL Datasheet
287Kb / 4P
   Evaluation Board for the AD623
REV. 0
logo
Cirrus Logic
CDB4354 CIRRUS-CDB4354 Datasheet
724Kb / 11P
   Evaluation Board for the CS4354
CDB53L30 CIRRUS-CDB53L30 Datasheet
2Mb / 37P
   Evaluation Board for the CS53L30
logo
STMicroelectronics
UM0843 STMICROELECTRONICS-UM0843 Datasheet
871Kb / 48P
   EVALSPEAr310 - evaluation board for the SPEAr310
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com