Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ2060A Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # BQ2060A
Description  SBS v1.1-Compliant Gas Gauge IC
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2060A Datasheet(HTML) 3 Page - Texas Instruments

  BQ2060A Datasheet HTML 1Page - Texas Instruments BQ2060A Datasheet HTML 2Page - Texas Instruments BQ2060A Datasheet HTML 3Page - Texas Instruments BQ2060A Datasheet HTML 4Page - Texas Instruments BQ2060A Datasheet HTML 5Page - Texas Instruments BQ2060A Datasheet HTML 6Page - Texas Instruments BQ2060A Datasheet HTML 7Page - Texas Instruments BQ2060A Datasheet HTML 8Page - Texas Instruments BQ2060A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
Functional Description
General Operation
The bq2060A determines battery capacity by monitoring
the amount of charge input or removed from a recharge-
able battery. In addition to measuring charge and dis-
charge, the bq2060A measures battery voltage, tempera-
ture, and current, estimates battery self-discharge, and
monitors the battery for low-voltage thresholds.
The
bq2060A measures charge and discharge activity by
monitoring the voltage across a small-value series sense
resistor between the battery’s negative terminal and the
negative terminal of the battery pack.
The available
battery charge is determined by monitoring this voltage
and correcting the measurement for environmental and
operating conditions.
Figure 1 shows a typical bq2060A-based battery-pack
application.
The circuit consists of the LED display,
voltage and temperature measurement networks,
EEPROM connections, a serial port, and the sense resis-
tor. The EEPROM stores basic battery-pack configura-
tion information and measurement-calibration values.
The EEPROM must be programmed properly for
bq2060A operation. Table 9 shows the EEPROM mem-
ory map and outlines the programmable functions avail-
able in the bq2060A.
The bq2060A accepts an NTC thermistor (Semitec
103AT) for temperature measurement.
The bq2060A
uses the thermistor temperature to monitor bat-
tery-pack temperature, detect a battery full-charge con-
dition, and compensate for self-discharge and charge/dis-
charge battery efficiencies.
Measurements
The bq2060A uses a fully differential, dynamically bal-
anced voltage-to-frequency converter (VFC) for charge
measurement and a sigma delta analog-to-digital con-
verter (ADC) for battery voltage, current, and tempera-
ture measurement.
Voltage, current, and temperature measurements are
made every 2–2.5 seconds, depending on the bq2060A
operating mode. Maximum times occur with compen-
sated EDV, mWh mode, and maximum allowable dis-
charge rate. Any AtRate computations requested or
scheduled (every 20 seconds) may add up to 0.5 seconds
to the time interval.
Charge and Discharge Counting
The VFC measures the charge and discharge flow of the
battery by monitoring a small-value sense resistor
between the SR1 and SR2 pins as shown in Figure 1.
The VFC measures bipolar signals up to 250mV. The
bq2060A detects
charge activity when VSR =VSR2
VSR1 is positive and discharge activity when VSR =VSR2
–VSR1 is negative.
The bq2060A continuously
integrates the signal over time using an internal
counter.
The fundamental rate of the counter is
6.25
µVh.
Offset Calibration
The bq2060A provides an auto-calibration feature to can-
cel the voltage offset error across SR1 and SR2 for maxi-
mum charge measurement accuracy. The calibration rou-
tine
is
initiated
by
issuing
a
command
to
ManufacturerAccess().
The bq2060A is capable of auto-
matic offset calibration down to 6.25
µV. Offset cancellation
resolution is less than 1
µV.
Digital Filter
The bq2060A does not measure charge or discharge
counts below the digital filter threshold. The digital fil-
ter threshold is programmed in the EEPROM and
should be set sufficiently high to prevent false signal de-
tection with no charge or discharge flowing through the
sense resistor.
Voltage
While monitoring SR1 and SR2 for charge and discharge
currents, the bq2060A monitors the battery-pack poten-
tial and the individual cell voltages through the
VCELL1–VCELL4 pins. The bq2060A measures the pack
voltage and reports the result in Voltage(). The bq2060A
can also measure the voltage of up to four series ele-
ments in a battery pack. The individual cell voltages
are stored in the optional Manufacturer Function area.
The VCELL1–VCELL4 inputs are divided down from the
cells using precision resistors, as shown in Figure 1. The
maximum input for VCELL1–VCELL4 is 1.25V with re-
spect to VSS. The voltage dividers for the inputs must be
set so that the voltages at the inputs do not exceed the
1.25V limit under all operating conditions. Also, the di-
vider ratios on VCELL1–VCELL2 must be half of that of
VCELL3–VCELL4. To reduce current consumption from
the battery, the CVON output may used to connect the
divider to the cells only during measurement period.
CVON is high impedance for 250ms (12.5% duty cycle)
when the cells are measured, and driven low otherwise.
(See Table 1.)
The SRC input of the bq2060A measures battery charge
and discharge current.
The SRC ADC input converts
the current signal from the series sense resistor and
stores the result in Current(). The full-scale input range
to SBC is limited to
±250mV as shown in Table 2.
3
bq2060A


Similar Part No. - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060A TI1-BQ2060A Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQ TI1-BQ2060A-E619DBQ Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQG4 TI1-BQ2060A-E619DBQG4 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQR TI1-BQ2060A-E619DBQR Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060A-E619DBQRG4 TI1-BQ2060A-E619DBQRG4 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
More results

Similar Description - BQ2060A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2060 TI-BQ2060 Datasheet
636Kb / 51P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2060SS TI1-BQ2060SS Datasheet
1Mb / 59P
[Old version datasheet]   SBS V1.1-COMPLIANT GAS GAUGE IC
BQ2060A TI1-BQ2060A_15 Datasheet
1Mb / 61P
[Old version datasheet]   SBS v1.1-Compliant Gas Gauge IC
BQ2063 TI1-BQ2063_15 Datasheet
1Mb / 60P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC
BQ2084-V150 TI1-BQ2084-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2084DBTR-V150 TI1-BQ2084DBTR-V150 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE WITH LED DELAY
BQ2063 TI-BQ2063 Datasheet
740Kb / 58P
[Old version datasheet]   SBS v1.1-COMPLIANT Li-ION GAS-GAUGE IC WITH PROTECTOR INTERFACE
BQ2084-V143 TI-BQ2084-V143 Datasheet
1Mb / 69P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
BQ2084 TI-BQ2084 Datasheet
623Kb / 63P
[Old version datasheet]   SBS v1.1 COMPLIANT GAS GAUGE FOR USE WITH THE BQ29312
BQ2084-V140 TI1-BQ2084-V140_14 Datasheet
822Kb / 64P
[Old version datasheet]   SBS v1.1-COMPLIANT GAS GAUGE FOR USE WITH THE bq29312
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com