Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV2026 Datasheet(PDF) 3 Page - Skyworks Solutions Inc.

Part # SMV2026
Description  Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV2026 Datasheet(HTML) 3 Page - Skyworks Solutions Inc.

  SMV2026 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV2026 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DATA SHEET • SMV2026 SERIES: SURFACE MOUNT HYPERABRUPT TUNING VARACTOR DIODES
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
201836C • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
3
The SMV2026 series are rated to Moisture Sensitivity Level 1
(MSL1) at 260
C. They can be used for lead or lead-free
soldering. For additional information, refer to the Skyworks
Application Note, Solder Reflow Information, document number
200164.
Care must be taken when attaching this product, whether it is
done manually or in a production solder reflow environment.
Production quantities of this product are shipped in a standard
tape and reel format.
Table 4. Reverse Voltage vs Typical Capacitance
VR (V)
CT (pF)
VR (V)
CT (pF)
0
27.09
8
6.92
1
18.01
9
6.29
2
14.27
10
5.69
3
12.06
12
4.58
4
10.52
14
3.74
5
9.35
16
3.28
6
8.41
18
3.10
7
7.62
20
3.01
Typical Performance Characteristics
(TA = 25 °C, Unless Otherwise Noted)
0.00
5.00
10.00
15.00
20.00
25.00
30.00
0
5
10
15
20
25
Reverse Voltage (VR)
Figure 1. Capacitance vs Reverse Voltage
1
10
100
110
100
Reverse Voltage (VR)
Figure 2. Capacitance vs Reverse Voltage


Similar Part No. - SMV2026

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2020 SKYWORKS-SMV2020 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020 SKYWORKS-SMV2020 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV2020-000 ALPHA-SMV2020-000 Datasheet
287Kb / 2P
   Silicon Hyperabrupt Varactor Diode Chips
logo
Skyworks Solutions Inc.
SMV2020-000 SKYWORKS-SMV2020-000 Datasheet
497Kb / 5P
   Silicon Hyperabrupt Junction Varactors, Packaged and Bondable Planar Chips
SMV2020-079LF SKYWORKS-SMV2020-079LF Datasheet
646Kb / 11P
   SMV2019-SMV2023 Series: Hyperabrupt Junction Tuning Varactors
More results

Similar Description - SMV2026

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV2025 SKYWORKS-SMV2025 Datasheet
593Kb / 7P
   Surface Mount, Silicon Hyperabrupt Tuning Varactor Diodes
logo
Knox Semiconductor, Inc
SMV2043 KNOX-SMV2043 Datasheet
35Kb / 1P
   Surface Mount Varactor 2043 SERIES HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101A ASI-KV2101A Datasheet
24Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2101 ASI-KV2101 Datasheet
25Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
SMV1229-001 ASI-SMV1229-001 Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001A ASI-AHV1001A Datasheet
22Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
AHV1001 ASI-AHV1001 Datasheet
51Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
KV2801 ASI-KV2801 Datasheet
16Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
logo
Knox Semiconductor, Inc
SMV2042 KNOX-SMV2042 Datasheet
36Kb / 1P
   Surface Mount 2042 / 2041 SERIES Varactor HYPERABRUPT TUNING DIODES
logo
Advanced Semiconductor
KV2101-150 ASI-KV2101-150 Datasheet
28Kb / 1P
   SILICON HYPERABRUPT TUNING VARACTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com