Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKXJ251E Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKXJ251E
Description  160 to 500Vdc, long life, 105?
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKXJ251E Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKXJ251E Datasheet HTML 1Page - United Chemi-Con, Inc. EKXJ251E Datasheet HTML 2Page - United Chemi-Con, Inc. EKXJ251E Datasheet HTML 3Page - United Chemi-Con, Inc. EKXJ251E Datasheet HTML 4Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
160 to 500Vdc, long life, 105
KXJ
Series
・Downsized and Longer life from current KXG series
・Endurance with ripple current : 8,000 to 12,000 hours at 105℃
・Rated voltage range : 160 to 500V, Capacitance range : 6.8 to 680µF
・For electronic ballast circuits and other long life applications
・Non solvent resistant type
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
Items
– 40 to +105
℃ (160 to 400Vdc)
-25 to +105
℃ (420 to 500Vdc)
160 to 500Vdc
±20% (M)
After 1 minute
After 5 minutes
CV
≦1000
I=0.1CV+40
I=0.03CV+15
CV
>1000
I=0.04CV+100
I=0.02CV+25
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tanδ (Max.)
Rated voltage (Vdc)
Z(−25
℃)/Z(+20℃)
Z(−40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied(the peak voltage shall not exceed the rated voltage) for the specified time at 105
℃.
Rated voltage
(Vdc)
160 to 450V
500V
Time
20L
:10,000hours、25L to 50L:12,000hours
Capacitance change
≦±20% of the initial value
φ10:8,000hours、φ12.5 to φ18:10.000hours
D.F . (tanδ)
≦200
% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
≦200% of the initial specified value
Leakage current
≦500% of the initial specified value
Characteristics
160 to 250V
3
6
350, 400V
5
6
420 to 500V
6
160 to 250V
0.20
350 to 500V
0.24
D.F . (tanδ)
◆DIMENSIONS [mm]
Sleeve (PET : Brown)
L'
15min.
4min.
Vent
10
0.6
5.0
φD
φd
F
φD'
L'
12.5
0.6
5.0
16
0.8
7.5
18
0.8
7.5
φD+0.5max.
L+1.5max.
14.5
0.8
7.5
(
φ10)
(
φ12.5 toφ18)
Gas escaped end seal
Terminal Code : E
◆PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 6.8
µF:6R8,10µF:100,100µF:101)
Lead forming·taping code
T erminal code
Voltage code (ex. 160V:161,400V:401)
Series code
Category
E K X J A A A E A A A A A
A A A S
M
1
8
5
18
11 12 13
15 16 17
14
2
3
4
5
6
7
9
10
Please refer to "Product code guide (radial lead type)"
Upgrade!
Downsized
KXJ
KXG P170
166
CAT. No. E1001N
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKXJ251E

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
EKXJ251ELL220MJ16S NPC-EKXJ251ELL220MJ16S Datasheet
73Kb / 3P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
logo
List of Unclassifed Man...
EKXJ251EXX101MJ50S ETC2-EKXJ251EXX101MJ50S Datasheet
283Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXJ251EXX101MK30S ETC2-EKXJ251EXX101MK30S Datasheet
283Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXJ251EXX101ML20S ETC2-EKXJ251EXX101ML20S Datasheet
283Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKXJ251EXX101MU25S ETC2-EKXJ251EXX101MU25S Datasheet
283Kb / 4P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EKXJ251E

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKXJ221E CHEMI-CON-EKXJ221E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ201E CHEMI-CON-EKXJ201E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ421E CHEMI-CON-EKXJ421E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ161E CHEMI-CON-EKXJ161E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ401E CHEMI-CON-EKXJ401E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ451E CHEMI-CON-EKXJ451E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ351E CHEMI-CON-EKXJ351E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXJ501E CHEMI-CON-EKXJ501E Datasheet
511Kb / 4P
   160 to 500Vdc, long life, 105?
EKXG251E CHEMI-CON-EKXG251E Datasheet
367Kb / 2P
   160 to 450Vdc long life, 105?
EKXG351E CHEMI-CON-EKXG351E Datasheet
367Kb / 2P
   160 to 450Vdc long life, 105?
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com