Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1763 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # SMV1763
Description  Hyperabrupt Junction Tuning Varactors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1763 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  SMV1763_15 Datasheet HTML 1Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1763_15 Datasheet HTML 7Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200072M • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 7, 2015
1
DATA SHEET
SMV1763 Series: Hyperabrupt Junction Tuning Varactors
Applications
 Low-noise and wideband UHF and VHF VCOs
 High-volume, low-cost battery-powered tuning circuits
Features
 Low series resistance
 High capacitance ratio at low reverse voltage
 SC-79 and miniature SOD-882 packages
(MSL1, 260
°C per JEDEC J-STD-020)
Skyworks GreenTM products are compliant with
all applicable legislation and are halogen-free.
For additional information, refer to Skyworks
Definition of GreenTM, document number
SQ04–0074.
Description
The SMV1763 series are silicon hyperabrupt junction varactor
diodes specifically designed for 3 V platforms. The specified high
capacitance ratio and low reverse voltage make these varactors
appropriate for low phase noise Voltage-Controlled Oscillators
(VCOs) used at frequencies in wireless systems up to and above
10 GHz.
Table 1 describes the packages and markings of the SMV1763
series of varactors.
Table 1. Packaging and Marking
Single
Single
SC-79
Green™
SOD-882
Green™
♦SMV1763-079LF
Marking: Cathode and YF
SMV1763-040LF
Marking: L
LS = 0.7 nH
LS = 0.45 nH
The Pb-free symbol or “LF” in the part number denotes a lead-free, RoHS-compliant package unless otherwise noted as Green™. Tin/lead (Sn/Pb) packaging is not recommended
for new designs.


Similar Part No. - SMV1763_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1763-040LF SKYWORKS-SMV1763-040LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
logo
Alpha Industries
SMV1763-079 ALPHA-SMV1763-079 Datasheet
279Kb / 2P
   Hyperabrupt Junction Tuning Varactor
logo
Skyworks Solutions Inc.
SMV1763-079 SKYWORKS-SMV1763-079 Datasheet
159Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1763-079LF SKYWORKS-SMV1763-079LF Datasheet
159Kb / 4P
   Hyperabrupt Junction Tuning Varactor
SMV1763-079LF SKYWORKS-SMV1763-079LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results

Similar Description - SMV1763_15

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1129 SKYWORKS-SMV1129 Datasheet
119Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1770-079 SKYWORKS-SMV1770-079 Datasheet
140Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV1771 SKYWORKS-SMV1771 Datasheet
539Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV1245 SKYWORKS-SMV1245 Datasheet
524Kb / 7P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019_15 Datasheet
822Kb / 10P
   Hyperabrupt Junction Tuning Varactors
SMV1281 SKYWORKS-SMV1281 Datasheet
130Kb / 4P
   Hyperabrupt Junction Tuning Varactors
SMV2019 SKYWORKS-SMV2019 Datasheet
110Kb / 9P
   Hyperabrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1142 ALPHA-SMV1142 Datasheet
465Kb / 4P
   Hyperabrupt Junction Tuning Varactors
logo
Skyworks Solutions Inc.
SMV1130 SKYWORKS-SMV1130_15 Datasheet
598Kb / 8P
   Hyperabrupt Junction Tuning Varactors
SMV1231 SKYWORKS-SMV1231_15 Datasheet
1Mb / 12P
   Hyperabrupt Junction Tuning Varactors
SMV1247 SKYWORKS-SMV1247_16 Datasheet
940Kb / 11P
   Hyperabrupt Junction Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com