Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMV1405 Datasheet(PDF) 8 Page - Skyworks Solutions Inc.

Part # SMV1405
Description  Plastic Packaged Abrupt Junction Tuning Varactors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SMV1405 Datasheet(HTML) 8 Page - Skyworks Solutions Inc.

Back Button SMV1405 Datasheet HTML 2Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 3Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 4Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 5Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 6Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 7Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 8Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 9Page - Skyworks Solutions Inc. SMV1405 Datasheet HTML 10Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
DATA SHEET • SMV1405 TO SMV1430 VARACTORS
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
8
January 25, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 200068V
3
2
1
0.035 (0.89 mm) Min.
0.044 (1.12 mm) Max.
0.0005 (0.01 mm) Min.
0.004 (0.10 mm) Max.
0.012 (0.30 mm) Min.
0.020 (0.50 mm) Max.
0.003 (0.080 mm) Min.
0.008 (0.20 mm) Max.
8° Max.
0.022 (0.55 mm) Ref.
0.110 (2.80 mm) Min.
0.120 (3.04 mm) Max.
0.083 (2.10 mm) Min.
0.104 (2.64 mm) Max.
0.037 (0.95 mm) Ref.
0.047 (1.20 mm) Min.
0.055 (1.40 mm) Max.
0.076 (1.92 mm) Ref.
0.020 (0.51 mm) Ref.
200068V-007
Dimensions are in inches (millimeters shown in parentheses)
Figure 7. SOT-23 Package Dimensions
Notes:
1. Carrier tape: black conductive polycarbonate.
2. Cover tape material: transparent conductive PSA.
3. Cover tape size: 5.40 mm width.
4. Tolerance ±0.10 mm.
5. Ten sprocket hole pitch cumulative tolerance: ±0.2 mm.
6. All measurements are in millimeters.
7. Alternative carrier tape dimensions are:
Ao = 3.3
Bo = 2.9
Ko = 1.22
3.10 (Ao)
1.0
2.2
2.70 (Bo)
4.00
4.00
(See Note 5)
2.00 ± 0.05
1.75 ± 0.10
A
A
A
0.25 ± 0.05
0.8 ± 0.05
1.20 (Ko)
ø1.00 Min.
R 0.5 Typ.
Pin 1 Indicator
ø1.5 + 0.1/–0
200068V-008
R 0.3 Max
Figure 8. SOT-23 Tape and Reel Dimensions


Similar Part No. - SMV1405

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Knox Semiconductor, Inc
SMV1405 KNOX-SMV1405 Datasheet
37Kb / 1P
   SILICON HYPERABRUPT TUNING DIODES
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
logo
M/A-COM Technology Solu...
SMV1405 MA-COM-SMV1405 Datasheet
544Kb / 3P
   Silicon Abrupt Tuning Varactor Diodes
logo
Alpha Industries
SMV1405-001 ALPHA-SMV1405-001 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
More results

Similar Description - SMV1405

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SMV1405 SKYWORKS-SMV1405 Datasheet
100Kb / 5P
   Abrupt Junction Tuning Varactors
SMV1493 SKYWORKS-SMV1493 Datasheet
64Kb / 5P
   Abrupt Junction Tuning Varactors
logo
Alpha Industries
SMV1405 ALPHA-SMV1405 Datasheet
480Kb / 3P
   Abrupt Junction Tuning Varactors
logo
Siemens Semiconductor G...
BBY24-BBY27 SIEMENS-BBY24-BBY27 Datasheet
15Kb / 2P
   Silicon Tuning Varactors (Abrupt junction tuning diode Tuning range 120 V)
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A_09 Datasheet
132Kb / 3P
   CONTROL DEVICES 30 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA46600 MACOM-MA46600 Datasheet
64Kb / 3P
   GaAs Abrupt Tuning Varactors
logo
Microsemi Corporation
GC1600A MICROSEMI-GC1600A Datasheet
157Kb / 3P
   CONTROL DEVICES 45 Volt Abrupt Junction Tuning Varactors
GC1700A MICROSEMI-GC1700A Datasheet
138Kb / 3P
   CONTROL DEVICES 60 Volt Abrupt Junction Tuning Varactors
logo
Tyco Electronics
MA45430 MACOM-MA45430 Datasheet
68Kb / 2P
   Surface Mount Abrupt Tuning Varactors
MA46600 MACOM-MA46600_1 Datasheet
73Kb / 2P
   GaAs, High Q Abrupt Tuning Varactors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com