Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z6W27V Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # Z6W27V
Description  ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z6W27V Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  Z6W27V Datasheet HTML 1Page - KEC(Korea Electronics) Z6W27V Datasheet HTML 2Page - KEC(Korea Electronics) Z6W27V Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2016. 07. 22
3/3
Z6W27V
Revision No : 5
0
100
75
50
25
LOAD DUMP POWER CHARACTERISTICS
(10ms EXPONENTIAL WAVEFORM)
125
150
175
2000
1000
4000
3000
5000
7000
6000
TIME t (S)
0.01
0.1
1.0
1m
10m
100m
1
10
100
1000
10
100
Rth - t
R th(j-a)
R th(j-D)
th(j-D)
R
:Transient Thermal
Resistance between junction and
anode electrode.
10
0
0.1
1
FORWARD VOLTAGE VF (V)
IF - VF
0.4
0.6
0.8
1.0
1.2
1.4
100
Typical
Ta=25 C
Time 10ms
CASE TEMPERATURE ( C)


Similar Part No. - Z6W27V

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
Z6W27V FS-Z6W27V Datasheet
508Kb / 3P
   Automotive SAD(Surge Absorber Diode)
2021. 06. 28
More results

Similar Description - Z6W27V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Toshiba Semiconductor
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
   Silicon Diffused-Junction Type Zener Diode
logo
KEC(Korea Electronics)
Z5W37V KEC-Z5W37V Datasheet
964Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W27V KEC-Z8W27V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W37V KEC-Z8W37V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z4W27V KEC-Z4W27V Datasheet
45Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z5W27V KEC-Z5W27V Datasheet
218Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z4W37V KEC-Z4W37V Datasheet
42Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z5W48V KEC-Z5W48V Datasheet
55Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
First Silicon Co., Ltd
Z5W39V FS-Z5W39V Datasheet
541Kb / 3P
   ZENER DIODE SILICON DIFFUSED JUNCTION TYPE
2022. 04. 28
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com