Electronic Components Datasheet Search |
|
EKMQ451VSN181MR30S Datasheet(PDF) 1 Page - United Chemi-Con, Inc. |
|
EKMQ451VSN181MR30S Datasheet(HTML) 1 Page - United Chemi-Con, Inc. |
1 / 4 page Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications. A A A A A A A A A (1/4) CAT. No. E1001M ◆SPECIFICATIONS (at 20 ℃, 120Hz) (at 20 ℃ after 5 minutes) (at 20 ℃, 120Hz) (at 120Hz) 35&50V 4 10 35V 10,000>C 0.30 C ≧10,000 0.35 10,000>C 0.25 C ≧10,000 0.30 50V Category Temperature Range Rated Voltage Range Capacitance Tolerance Leakage Current Dissipation Factor (tan δ) Low Temperature Characteristics (Max. Impedance Ratio) Endurance Shelf Life Items -40 to +105 ℃ (35&50Vdc), -25 to +105℃ (160 to 450Vdc) 35&50Vdc, 160 to 450Vdc ±20% (M) I ≦3 CV Where, I : Max. leakage current ( µA), C : Nominal capacitance (µF), V : Rated voltage (V) Rated voltage (Vdc) Nominal capacitance ( µF) tan δ(Max.) Rated voltage (Vdc) Z(-25 ℃)/Z(+20℃) Z(-40 ℃)/Z(+20℃) The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after subjected to DC voltage with the rated ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105 ℃. Capacitance change ≦ ±20% of the initial value D.F. (tan δ) ≦200% of the initial specified value Leakage current ≦The initial specified value The following specifications shall be satisfied when the capacitors are restored to 20 ℃ after exposing them for 1,000 hours at 105℃ without voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4. Capacitance change ≦ ±15% of the initial value D.F. (tan δ) ≦150% of the initial specified value Leakage current ≦The initial specified value Characteristics 160 to 250V - 0.15 315 to 400V - 0.15 420 & 450V - 0.20 160 to 250V 4 - 315 to 450V 8 - ● Endurance with ripple current : 2,000 hours at 105 ℃ ● Non solvent resistant type ● RoHS Compliant ◆DIMENSIONS [mm] ● Terminal Code : VS ( φ22 to φ35) : Standard Sleeve (PET : Brown) Negative mark PC board pin-out 4.0 ±0.5 Vent L ±2 2- φ2 ● Terminal Code : LI ( φ35) Vent 4.5 ±1 L ±2 Negative mark Sleeve (PET : Brown) PC board pin-out 2-1.2 ×6 5 ±0.5 14.2 ±1 ◆PART NUMBERING SYSTEM The standard design has no plastic disc. 13 4 26 7 8 9 10 13 12 518 17 16 11 15 14 EK M Q V S N S M Supplement code Size code Capacitance tolerance code Capacitance code (ex. 68 µF:680, 3,300µF:332) Dummy terminal code Terminal code (VS, LI) Voltage code (ex. 160V:161, 315V:3B1, 450V:451) Series code Category Please refer to "Product code guide (snap-in type)" Downsized snap-ins, 105 ℃ KMQ Downsized KMR LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS KMQSeries |
Similar Part No. - EKMQ451VSN181MR30S |
|
Similar Description - EKMQ451VSN181MR30S |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |