Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z5W48V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # Z5W48V
Description  ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

Z5W48V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  Z5W48V Datasheet HTML 1Page - KEC(Korea Electronics) Z5W48V Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2009. 7. 31
2/2
Z5W48V
Revision No : 3
ZENER VOLTAGE V
(V)
Z
Z
Z
I
- V
PULSE WIDTH t
(ms)
W
P
- t
RSM
W
TIME t (S)
R
- t
th
INSTANTANEOUS FORWARD VOLTAGE V
(V)
I
- V
F
F
F
Typical
DESIGN RECOMMENDED REGION
tW
RSM
P
Rectangular Pulse
Rth(j-a)
Rth(j-D)
th(j-D)
R
: Transient Thermal
Resistance between junction and
anode electrode.
46
47
48
50
51
52
53
49
1
0.1
100
10
0.3
0.5
0.7
1.1
1.3
0.9
1
0.1
100
10
0.1
1
10
1
100
10
2
10
3
10
4
10
5
10
0.001
10
0.1
0.01
100
1
1K
0.01
1
0.1
100
10
P - T , Ta
L
LEAD TEMPERATURE T
, AMBIENT TEMPERATURE Ta ( C)
050
100
150
200
0
L
1
2
3
4
5
6
T -P
L
Ta-P
Size
Glass/epoxy
substrate
Solder round
a
Substrate
Size
b
Thickness
c
10mm
50mm
1.5mm
a
b
C
TL


Similar Part No. - Z5W48V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z5W27 KEC-Z5W27 Datasheet
218Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z5W27V KEC-Z5W27V Datasheet
218Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
First Silicon Co., Ltd
Z5W27V FS-Z5W27V Datasheet
539Kb / 3P
   Automotive SAD(Surge Absorber Diode)
2021. 06. 28
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z5W37V KEC-Z5W37V Datasheet
964Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
More results

Similar Description - Z5W48V

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
Z5W27VC KEC-Z5W27VC Datasheet
342Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
Toshiba Semiconductor
U5ZA53C TOSHIBA-U5ZA53C Datasheet
87Kb / 3P
   Silicon Diffused-Junction Type Zener Diode
logo
KEC(Korea Electronics)
Z5W37V KEC-Z5W37V Datasheet
964Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W27V KEC-Z8W27V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z8W37V KEC-Z8W37V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z6W27V KEC-Z6W27V Datasheet
97Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z4W27V KEC-Z4W27V Datasheet
45Kb / 3P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z5W27V KEC-Z5W27V Datasheet
218Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
Z4W37V KEC-Z4W37V Datasheet
42Kb / 2P
   ZENER DIODE SILICON DIFFUSED-JUNCTION TYPE
logo
First Silicon Co., Ltd
Z5W39V FS-Z5W39V Datasheet
541Kb / 3P
   ZENER DIODE SILICON DIFFUSED JUNCTION TYPE
2022. 04. 28
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com