Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EKMQ351LGB561MA60M Datasheet(PDF) 1 Page - United Chemi-Con, Inc.

Part # EKMQ351LGB561MA60M
Description  Standard screw terminals, 105?
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHEMI-CON [United Chemi-Con, Inc.]
Direct Link  http://www.chemi-con.com
Logo CHEMI-CON - United Chemi-Con, Inc.

EKMQ351LGB561MA60M Datasheet(HTML) 1 Page - United Chemi-Con, Inc.

  EKMQ351LGB561MA60M Datasheet HTML 1Page - United Chemi-Con, Inc. EKMQ351LGB561MA60M Datasheet HTML 2Page - United Chemi-Con, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
Standard screw terminals, 105
KMQ
Series
・Endurance with ripple current : 2,000 hours at 105℃
・Downsized and high ripple current from KMH series
・RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 5 minutes)
(at 20
℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
Insulation Resistance
Insulation
Withstanding Voltage
Endurance
Shelf Life
Items
-25 to +105
315 to 450Vdc
±20% (M)
I=0.02CV or 5mA, whichever is smaller.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Shall not exceed the values shown in the STANDARD RATINGS
Capacitance change C(-25
℃)/C(+20℃)≧0.7
When measured between the terminals that are connected to each other and to the mounting clamp on the insulating sleeve covering
the case by using an insulation resistance meter of 500Vdc, the insulation resistance shall not be less than 100M
Ω.
When a voltage of 2,000Vac is applied for 1 minute between the terminals that are connected to each other and to the mounting clamp
on the insulating sleeve covering the case, there shall not be electrical damage.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for 2,000 hours at 105
℃.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 500 hours at 105℃without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±20% of the initial value
D.F. (tanδ)
≦200% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
◆DIMENSIONS (Screw-Mount) [mm]
Mounting Clamp Code : B
L+4max.
G
±1
Sleeve (Pb-free PVC : Brown)
Plastic disk
6
A
±1
W
±1
30°
±5°
360°
3
45°
±5°
8
J
Mounting Clamp Code : C
φD
35
50
63.5
76.2
A
58.0
78.0
90.0
104.5
B
44.0
64.0
76.0
90.0
W
48.0
68.0
80.0
93.5
H
3.5
4.5
4.5
4.5
F
12.7
22.4
28.0
31.5
φD
50
63.5
76.2
89
E
32.5
38.1
44.5
50.8
K
37.0
43.5
50.0
56.5
J
14.0
14.0
14.0
16.0
F
22.4
28.0
31.5
31.5
φ35 toφ63.5 : G=6
φ76.2 &φ89 : G=5
Terminal Code : LG
<Screw specifcations>
Plus hexagon-headed screw :M5×0.8×10
Maximum screw tightening torque :3.23Nm
* The screw and the mounting clamp are separately supplied and not attached to the product.
Vent
◆PART NUMBERING SYSTEM
1
2
3
4
5
6
7
8
9
10
11 12 13
14
15 16 17
18
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470
µF:471, 1,800µF:182)
Mounting clamp code (N, B, C)
Terminal code
Voltage code (ex. 315V:3B1, 450V:451)
Series code
Category
E K M Q A A A L G N A A A
A A A M
M
Please refer to "Product code guide (screw-mount terminal type)"
KMQ
KMH P270
Downsized
Higher ripple
268
CAT. No. E1001N
LARGE CAPACITANCE ALUMINUM ELECTROLYTIC CAPACITORS


Similar Part No. - EKMQ351LGB561MA60M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ351LGB561MA60M CHEMI-CON-EKMQ351LGB561MA60M Datasheet
375Kb / 2P
   Standard screw terminals, 105?
More results

Similar Description - EKMQ351LGB561MA60M

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EKMQ351LGC CHEMI-CON-EKMQ351LGC Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ401LGC CHEMI-CON-EKMQ401LGC Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ3B1LGB CHEMI-CON-EKMQ3B1LGB Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ3B1LGC CHEMI-CON-EKMQ3B1LGC Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ451LGC CHEMI-CON-EKMQ451LGC Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ401LGB CHEMI-CON-EKMQ401LGB Datasheet
375Kb / 2P
   Standard screw terminals, 105?
EKMQ451LGB CHEMI-CON-EKMQ451LGB Datasheet
375Kb / 2P
   Standard screw terminals, 105?
ELXA161LGC CHEMI-CON-ELXA161LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA451LGC CHEMI-CON-ELXA451LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
ELXA501LGC CHEMI-CON-ELXA501LGC Datasheet
435Kb / 4P
   long life screw terminals ,105?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com