Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM4N65P Datasheet(PDF) 3 Page - Analog Power

Part # AM4N65P
Description  N-Channel 650-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4N65P Datasheet(HTML) 3 Page - Analog Power

  AM4N65P Datasheet HTML 1Page - Analog Power AM4N65P Datasheet HTML 2Page - Analog Power AM4N65P Datasheet HTML 3Page - Analog Power AM4N65P Datasheet HTML 4Page - Analog Power AM4N65P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM4N65P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
1.5
2
2.5
3
3.5
0
0.3
0.6
0.9
1.2
1.5
ID-Drain Current (A)
5.8V
6V,6.5V,7V,8V,10V
0
0.3
0.6
0.9
1.2
1.5
0
1
2
3
4
5
VDS - Drain-to-Source Voltage (V)
10V,8V,7V,6.5V,6V
5.8V
0
2
4
6
8
10
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
0.4
0.8
1.2
1.6
2
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
200
400
600
800
1000
1200
1400
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 1A
© Preliminary
3
Publication Order Number:
DS_AM4N65P_1A


Similar Part No. - AM4N65P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM4N60B ANALOGPOWER-AM4N60B Datasheet
328Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60D ANALOGPOWER-AM4N60D Datasheet
232Kb / 5P
   N-Channel 600-V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
AM4N60D DOINGTER-AM4N60D Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
Analog Power
AM4N60I ANALOGPOWER-AM4N60I Datasheet
314Kb / 5P
   N-Channel 600-V (D-S) MOSFET
AM4N60P ANALOGPOWER-AM4N60P Datasheet
305Kb / 5P
   N-Channel 600-V (D-S) MOSFET
More results

Similar Description - AM4N65P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM165R02 VBSEMI-VBM165R02 Datasheet
761Kb / 9P
   N-Channel 650 V (D-S) MOSFET
AOT11S60 VBSEMI-AOT11S60 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
2SK3050 VBSEMI-2SK3050 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
2SK3472 VBSEMI-2SK3472 Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
6R380C6 VBSEMI-6R380C6 Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
11N60CFD VBSEMI-11N60CFD Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
12N50ES VBSEMI-12N50ES Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
14NM65N VBSEMI-14NM65N Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
4002H VBSEMI-4002H Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
KF4N65P VBSEMI-KF4N65P Datasheet
1Mb / 9P
   N-Channel 650 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com