Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM12N50P Datasheet(PDF) 3 Page - Analog Power

Part # AM12N50P
Description  N-Channel 500-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM12N50P Datasheet(HTML) 3 Page - Analog Power

  AM12N50P Datasheet HTML 1Page - Analog Power AM12N50P Datasheet HTML 2Page - Analog Power AM12N50P Datasheet HTML 3Page - Analog Power AM12N50P Datasheet HTML 4Page - Analog Power AM12N50P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Analog Power
AM12N50P
1. On-Resistance vs. Drain Current
2. Transfer Characteristics
3. On-Resistance vs. Gate-to-Source Voltage
4. Drain-to-Source Forward Voltage
5. Output Characteristics
6. Capacitance
Typical Electrical Characteristics
0.3
0.35
0.4
0.45
0.5
0.55
0.6
0.65
0.7
0.75
0.8
0
1
2
3
4
5
ID-Drain Current (A)
6V,8V,10V
5.5V
0
1
2
3
4
5
0
1
2
3
4
VDS - Drain-to-Source Voltage (V)
10V,8V,6V
5.5V
0
1
2
3
0
2
4
6
8
10
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
TJ = 25°C
0
1
2
3
4
5
0
2
4
6
8
VGS - Gate-to-Source Voltage (V)
TJ = 25°C
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
VSD - Source-to-Drain Voltage (V)
TJ = 25°C
0
500
1000
1500
2000
2500
3000
3500
4000
0
5
10
15
20
VDS-Drain-to-Source Voltage (V)
Ciss
Coss
Crss
F = 1MHz
ID = 6A
© Preliminary
3
Publication Order Number:
DS_AM12N50P_1A


Similar Part No. - AM12N50P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM12N65 AITSEMI-AM12N65 Datasheet
940Kb / 10P
   MOSFET 650V, 12A N-CHANNEL
REV1.0 - JUN 2022
logo
Analog Power
AM12N65B ANALOGPOWER-AM12N65B Datasheet
326Kb / 5P
   N-Channel 650-V (D-S) MOSFET
AM12N65P ANALOGPOWER-AM12N65P Datasheet
332Kb / 5P
   N-Channel 650-V (D-S) MOSFET
AM12N65PCFM ANALOGPOWER-AM12N65PCFM Datasheet
299Kb / 5P
   N-Channel 650-V (D-S) MOSFET
AM12N70P ANALOGPOWER-AM12N70P Datasheet
302Kb / 5P
   N-Channel 700-V (D-S) MOSFET
More results

Similar Description - AM12N50P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM9N50P ANALOGPOWER-AM9N50P Datasheet
330Kb / 5P
   N-Channel 500-V (D-S) MOSFET
AM5N50 ANALOGPOWER-AM5N50 Datasheet
339Kb / 5P
   N-Channel 500-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
VBM15R13 VBSEMI-VBM15R13 Datasheet
686Kb / 9P
   N-Channel 500 V (D-S) Power MOSFET
VBM15R30S VBSEMI-VBM15R30S Datasheet
474Kb / 8P
   N-Channel 500-V (D-S) Super Junction MOSFET
VBE15R14S VBSEMI-VBE15R14S Datasheet
901Kb / 10P
   N-Channel 500-V (D-S) Super Junction MOSFET
VBM15R18S VBSEMI-VBM15R18S Datasheet
586Kb / 10P
   N-Channel 500-V (D-S) Super Junction MOSFET
logo
Vishay Siliconix
VN50300L VISHAY-VN50300L Datasheet
40Kb / 4P
   N-Channel 500-V (D-S) MOSFETs
Rev. D, 16-Jul-01
logo
VBsemi Electronics Co.,...
VBE25R04 VBSEMI-VBE25R04 Datasheet
850Kb / 10P
   P-Channel 500 V (D-S)Power MOSFET
logo
Vishay Siliconix
SI2328DS VISHAY-SI2328DS Datasheet
41Kb / 4P
   N-Channel 100-V (D-S) MOSFET
Rev. A, 25-Dec-01
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com