Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

125XT0160301 Datasheet(PDF) 1 Page - ETRI

Part # 125XT0160301
Description  400 Hz Fans
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETRI [ETRI]
Direct Link  http://www.etrinet.com
Logo ETRI - ETRI

125XT0160301 Datasheet(HTML) 1 Page - ETRI

  125XT0160301 Datasheet HTML 1Page - ETRI  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Non contractual document. Specifications are subject to change without prior notice. Pictures for information only. Edition
2016-2
Additional versions:
Salt spray protected - Shock and vibration protected - Impedance protected -
Marine specifications - Wide temperature range
Input power
Phases
Capacitor
(not included)
125XT0162301
115
60
127,1
50
3600
3
15
140
220
-10
70
125XT0162101
115
60
50
3750
1
0,15
19
170
200
-10
70
125XT0160301
200
60
50
3600
3
1
6,5
89
115
-10
70
125XT0160101
200
60
50
3750
1
0,05
19
100
120
-10
70
125XS0162001
115
94
199,2
60
5700
3
32
415
1150
-10
70
115
94
60
5700
1
1,47
35
365
870
-10
70
125XS0160001
200
94
60
5700
3
32
240
650
-10
70
200
94
60
5700
1
0,47
35
210
500
-10
70
127,1
127,1
127,1
199,2
199,2
199,2
V
l/s
Cfm
dB(A)
RPM
F
W
mA
mA
Min.°C
Max.°C
µ
Nominal
Current
Starting
Current
Operating temperature
http://www.etrinet.com
e-mail: info@etrinet.com
ETRI is a trademark of ECOFIT
Airflow: l/s
Airflow: CFM
L-10 LIFE AT 40°C:
35 000 hours
Life expectancy
Approvals
125XT
125XS
120 x 120 x 38 mm
400 Hz Motor
Housing material: aluminium
Impeller material: plastic UL 94 VO
Weight: 530 g
Bearing system: ball bearings
Connection: flying leads
Available with:
- Speed sensor
- Impedance protection
125X
Series
Part Number
Nominal
voltage
Nominal
speed
Noise
level
Airflow
NATO codification (not on all part
numbers, please consult the factory
for more detailed information)
400 Hz Fans
4,724’’ x
’’
4,724’’ x 1,496


Similar Part No. - 125XT0160301

ManufacturerPart #DatasheetDescription
logo
ETRI
125XT0160301 ETRI-125XT0160301 Datasheet
185Kb / 1P
   400 Hz Fans
More results

Similar Description - 125XT0160301

ManufacturerPart #DatasheetDescription
logo
ETRI
106ZA0562C13 ETRI-106ZA0562C13 Datasheet
178Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13 Datasheet
172Kb / 1P
   400 Hz Fans
98XE0162001 ETRI-98XE0162001_12 Datasheet
226Kb / 1P
   400 Hz Fans
85MF0160C13 ETRI-85MF0160C13_12 Datasheet
233Kb / 1P
   400 Hz Fans
61BE0162C13 ETRI-61BE0162C13 Datasheet
170Kb / 1P
   400 Hz Fans
112BC0162C13 ETRI-112BC0162C13_12 Datasheet
223Kb / 1P
   400 Hz Fans
110VU0162001 ETRI-110VU0162001_12 Datasheet
229Kb / 1P
   400 Hz Fans
86ME0162C13 ETRI-86ME0162C13_12 Datasheet
236Kb / 1P
   400 Hz Fans
80TV0562C13 ETRI-80TV0562C13_12 Datasheet
238Kb / 1P
   400 Hz Fans
106ZA0562C13 ETRI-106ZA0562C13_12 Datasheet
241Kb / 1P
   400 Hz Fans
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com