Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS90LV012A Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS90LV012A
Description  3V LVDS Single CMOS Differential Line Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS90LV012A Datasheet(HTML) 5 Page - National Semiconductor (TI)

  DS90LV012A Datasheet HTML 1Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 2Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 3Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 4Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 5Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 6Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 7Page - National Semiconductor (TI) DS90LV012A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Applications Information (Continued)
Power Decoupling Recommendations:
Bypass capacitors must be used on power pins. Use high
frequency ceramic (surface mount is recommended) 0.1µF
and 0.001µF capacitors in parallel at the power supply pin
with the smallest value capacitor closest to the device supply
pin. Additional scattered capacitors over the printed circuit
board will improve decoupling. Multiple vias should be used
to connect the decoupling capacitors to the power planes. A
10µF (35V) or greater solid tantalum capacitor should be
connected at the power entry point on the printed circuit
board between the supply and ground.
PC Board considerations:
Use at least 4 PCB board layers (top to bottom): LVDS
signals, ground, power, TTL signals.
Isolate TTL signals from LVDS signals, otherwise the TTL
signals may couple onto the LVDS lines. It is best to put TTL
and LVDS signals on different layers which are isolated by a
power/ground plane(s).
Keep drivers and receivers as close to the (LVDS port side)
connectors as possible.
For PC board considerations for the LLP package, please
refer to application note AN-1187 “Leadless Leadframe
Package.” It is important to note that to optimize signal
integrity (minimize jitter and noise coupling), the LLP thermal
land pad, which is a metal (normally copper) rectangular
region located under the package, should be attached to
ground and match the dimensions of the exposed pad on the
PCB (1:1 ratio).
Differential Traces:
Use controlled impedance traces which match the differen-
tial impedance of your transmission medium (ie. cable) and
termination resistor. Run the differential pair trace lines as
close together as possible as soon as they leave the IC
(stubs should be < 10mm long). This will help eliminate
reflections and ensure noise is coupled as common-mode.
In fact, we have seen that differential signals which are 1mm
apart radiate far less noise than traces 3mm apart since
magnetic field cancellation is much better with the closer
traces. In addition, noise induced on the differential lines is
much more likely to appear as common-mode which is re-
jected by the receiver.
Match electrical lengths between traces to reduce skew.
Skew between the signals of a pair means a phase differ-
ence between signals which destroys the magnetic field
cancellation benefits of differential signals and EMI will re-
sult! (Note that the velocity of propagation,v=c/E
r where c
(the speed of light) = 0.2997mm/ps or 0.0118 in/ps). Do not
rely solely on the autoroute function for differential traces.
Carefully review dimensions to match differential impedance
and provide isolation for the differential lines. Minimize the
number of vias and other discontinuities on the line.
Avoid 90˚ turns (these cause impedance discontinuities).
Use arcs or 45˚ bevels.
Within a pair of traces, the distance between the two traces
should be minimized to maintain common-mode rejection of
the receivers. On the printed circuit board, this distance
should remain constant to avoid discontinuities in differential
impedance. Minor violations at connection points are allow-
able.
Termination:
DS90LV012A:
Use a termination resistor which best matches the differen-
tial impedance or your transmission line. The resistor should
be between 90
Ω and 130Ω. Remember that the current
mode outputs need the termination resistor to generate the
differential voltage. LVDS will not work without resistor ter-
mination. Typically, connecting a single resistor across the
pair at the receiver end will suffice.
Surface mount 1% - 2% resistors are the best. PCB stubs,
component lead, and the distance from the termination to the
receiver inputs should be minimized. The distance between
the termination resistor and the receiver should be < 10mm
(12mm MAX).
DS90LT012A:
The DS90LT012A integrates the terminating resistor for
point-to-point applications. The resistor value will be be-
tween 90
Ω and 133Ω.
Threshold:
The LVDS Standard (ANSI/TIA/EIA-644-A) specifies a maxi-
mum threshold of ±100mV for the LVDS receiver. The
DS90LV012A and DS90LT012A support an enhanced
threshold region of −100mV to 0V. This is useful for fail-safe
biasing. The threshold region is shown in the Voltage Trans-
fer Curve (VTC) in Figure 5. The typical DS90LV012A or
DS90LT012A LVDS receiver switches at about −30mV. Note
that with V
ID = 0V, the output will be in a HIGH state. With an
external fail-safe bias of +25mV applied, the typical differen-
tial noise margin is now the difference from the switch point
to the bias point. In the example below, this would be 55mV
of Differential Noise Margin (+25mV − (−30mV)). With the
enhanced threshold region of −100mV to 0V, this small
external fail-safe biasing of +25mV (with respect to 0V) gives
a DNM of a comfortable 55mV. With the standard threshold
region of ±100mV, the external fail-safe biasing would need
to be +25mV with respect to +100mV or +125mV, giving a
DNM of 155mV which is stronger fail-safe biasing than is
necessary for the DS90LV012A or DS90LT012A. If more
DNM is required, then a stronger fail-safe bias point can be
set by changing resistor values.
20015029
FIGURE 5. VTC of the DS90LV012A and DS90LT012A LVDS Receivers
www.national.com
5


Similar Part No. - DS90LV012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV012A TI1-DS90LV012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LV012A TI-DS90LV012A Datasheet
778Kb / 18P
[Old version datasheet]   DS90LV012A /DS90LT012A 3V LVDS Single CMOS Differential Line Receiver
DS90LV012A TI1-DS90LV012A Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
DS90LV012AMDC TI1-DS90LV012AMDC Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV012ATLD NSC-DS90LV012ATLD Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
More results

Similar Description - DS90LV012A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LT012A TI1-DS90LT012A_16 Datasheet
810Kb / 18P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV018A NSC-DS90LV018A Datasheet
241Kb / 10P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018A TI1-DS90LV018A_13 Datasheet
1Mb / 17P
[Old version datasheet]   3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LT012A NSC-DS90LT012A_08 Datasheet
246Kb / 8P
   3V LVDS Single CMOS Differential Line Receiver
DS90LV018A NSC-DS90LV018A_05 Datasheet
684Kb / 9P
   3V LVDS Single CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV018ATMX TI-DS90LV018ATMX Datasheet
1,018Kb / 17P
[Old version datasheet]   DS90LV018A 3V LVDS Single CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV048A NSC-DS90LV048A_01 Datasheet
260Kb / 11P
   3V LVDS Quad CMOS Differential Line Receiver
DS90LV028A NSC-DS90LV028A_05 Datasheet
727Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
logo
Texas Instruments
DS90LV032AQML TI1-DS90LV032AQML_13 Datasheet
457Kb / 16P
[Old version datasheet]   3V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90LV028A NSC-DS90LV028A Datasheet
247Kb / 10P
   3V LVDS Dual CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com