Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL15A Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SL15A
Description  Surface Mount Schottky Barrier Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SL15A Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SL15A Datasheet HTML 1Page - GOOD-ARK Electronics SL15A Datasheet HTML 2Page - GOOD-ARK Electronics SL15A Datasheet HTML 3Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
 
 
SL12A thru SL110A 
www.goodark.com                                  1 / 3
                                    rev.1 
 
Surface Mount Schottky Barrier Rectifier
FEATURES
Ideal for automated placement
Low forward voltage drop
Low leakage current
Meets environmental standard MIL-S-19500D
Moisture sensitivity:level 1, per J-STD-020
Solder dip 275 °C, 10 s
Compliant to RoHS Directive 2002/95/EC and in accordance to WEEE 2002/96/EC
TYPICAL APPLICATIONS
For use in general purpose rectification of lighting, power supplies, inverters, converters and
freewheeling diodes for consumer, automotive and telecommunication.
MECHANICAL DATA
Case:
DO-214AC, molded epoxy body,Epoxy meets UL 94V-0 flammability rating
Terminals:
Matte tin plated leads, solderable per J-STD-002 and JESD22B-106
Polarity:
Laser Band Denotes Cathode Band
MAXIMUM RATINGS
(TA = 25 °C unless otherwise noted)
PARAMETER
SYMBO
L
SL12A
SL13A
SL14A
SL15A
SL16A
SL17A
SL18A
SL19A
SL110
A
UNIT
Maximum repetitive peak
reverse voltage
VRRM
20
30
40
50
60
70
80
90
100
V
Maximum RMS voltage
VRMS
14
21
28
35
42
49
56
63
70
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
70
80
90
100
V
Maximum average forward
rectified current at TL
(See Fig.1)
IF(AV)
1
A
Peak forward surge current 8.3
ms single half sine-wave
superimposed on rated load
IFSM
30
A
Operating junction temperature
range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
Tstg
- 55 to + 150
°C
PRIMARY CHARACTERISTICS
IF(AV)
1 A
VRRM
20 V to 100 V
IFSM
30A
VF
0.42V,0.5V,0.68V
TJ max.
125 °C ,150°C
 
DO‐214AC(SMA) 


Similar Part No. - SL15A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SL15 SEMTECH-SL15 Datasheet
167Kb / 7P
   Low Capacitance TVS Diode For High Speed Data Interfaces
logo
Micro Commercial Compon...
SL15 MCC-SL15 Datasheet
369Kb / 2P
   Transient Voltage Suppressor 300 Watt
logo
Microsemi Corporation
SL15 MICROSEMI-SL15 Datasheet
89Kb / 2P
   TVSarray Series
logo
Shenzhen Luguang Electr...
SL15 LUGUANG-SL15 Datasheet
152Kb / 2P
   TVS Array Series
logo
Galaxy Semi-Conductor H...
SL15 BILIN-SL15 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SL15A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com