Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F2TVS130A Datasheet(PDF) 4 Page - GOOD-ARK Electronics

Part # F2TVS130A
Description  Surface Mount Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

F2TVS130A Datasheet(HTML) 4 Page - GOOD-ARK Electronics

  F2TVS130A Datasheet HTML 1Page - GOOD-ARK Electronics F2TVS130A Datasheet HTML 2Page - GOOD-ARK Electronics F2TVS130A Datasheet HTML 3Page - GOOD-ARK Electronics F2TVS130A Datasheet HTML 4Page - GOOD-ARK Electronics F2TVS130A Datasheet HTML 5Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
F2TVS10.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
www.goodark.com
4/5
2014.04-Rev.A
F2TVS10.0A thru F2TVS190A
Surface Mount Transient Voltage Suppressors
Peak Pulse Power 200W Stand-off Voltage 10.0 to 190V
Package Outline Dimensions
in inches (millimeters)
DIM
MINMAX
MINMAX
Unit: inch
Unit: mm
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Soldering  footprint
HE
3.5
3.9
0.138
0.154
Pki
I f
ti
Packing Information
Packing quantities:
3000 pcs/Reel, 40 Reels/Box; 8mm Tape, 7" Reel
Tape & Reel Specification
DIM
MINMAX
MINMAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MINMAX
MINMAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
DIM
MINMAX
MINMAX
A
0.9
1.08
0.035
0.043
A1
0
0.1
0.000
0.004
B
0.85
1.05
0.033
0.041
C
0.1
0.25
0.004
0.010
D
1.7
2
0.067
0.079
E
2.9
3.1
0.114
0.122
L
0.43
0.83
0.017
0.033
HE
3.5
3.9
0.138
0.154
Unit: inch
Unit: mm
www.goodark.com
4/5
2014.04-Rev.A


Similar Part No. - F2TVS130A

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
F2TVS130A DGNJDZ-F2TVS130A Datasheet
718Kb / 3P
   Surface Mount Transient Voltage Suppressors Peak Pulse Power 200W Stand off Voltage 5.0 to 190V
More results

Similar Description - F2TVS130A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com