Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB1240 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SB1240
Description  Photovoltaic Solar cell Protection Schottky Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SB1240 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SB1240 Datasheet HTML 1Page - GOOD-ARK Electronics SB1240 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SB1235 thru SB1250
Case Style: DO-201AD
Features
Metal-Semiconductor junction with guard ring
Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
High current capability .low VF
Low power loss,high efficiency
5lbs.(2.3kg) tension
Mechanical Data
Case:
DO-201AD Molded plastic body
Mounting Position:
Any
Weight:
1.2 grams
Maximum Ratings & Electrical Characteristics
Ratings at 25℃ ambient temperature unless otherwise specified.
Symbol
SB1235
SB1240
SB1250
Unit
VRRM
35
40
50
V
VRMS
24.5
28
35
V
VDC
35
40
50
V
Average forward rectified current
IF(AV)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
I
2t
A
2sec
IF=5A
IF=12A
Maximum DC reverse current at
Tj=25
µA
rated DC blocking voltage per leg
Tj=125
mA
RθJA
RθJC
VR≤80%VRRM
In DC forward mode
Storage temperature range
TSTG
Notes: 1. Thermal Resistance Junction to Ambient
2. Thermal Resistance Junction to Case
文件编号:
GSXH.009.399-18
制定日期:2011.7.20
修改码:
00
页码:
1/2
-50~+150
200
-50~+175
12
370
0.45
0.55
500
300
Junction temperature
TJ
VF
Typical thermal resistance per leg
Forward voltage
/W
25
14(1)
3.4(2)
V
IR
IFSM
Rating for fusig (t8.3ms)
A
Maximum repetitive peak reverse voltage
For use in low voltage, high frequency inverters,
free wheeling,and polarity protection applications
Maximum RMS voltage
Maximum DC blocking voltage
Tjmax.200℃ in DC forward mode
High temperature soldering guaranteed:
260℃/10 seconds,0.375(9.5mm) lead length,
Parameter
Photovoltaic Solar cell Protection Schottky Rectifier


Similar Part No. - SB1240

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SB1240 DIOTEC-SB1240 Datasheet
106Kb / 2P
   Bypass Diodes for Solar Modules - Schottky Barrier Rectifiers
SB1240 DIOTEC-SB1240 Datasheet
98Kb / 2P
   Schottky Barrier Rectifiers
logo
Semikron International
SB1240 SEMIKRON-SB1240 Datasheet
378Kb / 2P
   Schottky barrier rectifiers diodes
logo
Micro Commercial Compon...
SB1240 MCC-SB1240 Datasheet
479Kb / 3P
   12 Amp Schottky Barrier Rectifier 20 to 100 Volts
logo
Yangzhou yangjie electr...
SB1240 YANGJIE-SB1240 Datasheet
189Kb / 2P
   Schottky Diodes
More results

Similar Description - SB1240

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSB2045Y-M3 VISHAY-VSB2045Y-M3 Datasheet
79Kb / 6P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 04-Dec-13
logo
HY ELECTRONIC CORP.
20TLV045 HY-20TLV045_17 Datasheet
138Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
20TQ045 HY-20TQ045_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
25PV030 HY-25PV030_17 Datasheet
150Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
THY1545 HY-THY1545_17 Datasheet
146Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
TP2545 HY-TP2545_17 Datasheet
142Kb / 3P
   PHOTOVOLTAIC SOLAR CELL PROTECTION SCHOTTKY RECTIFIER
logo
Vishay Siliconix
VSB2045 VISHAY-VSB2045 Datasheet
77Kb / 4P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 06-Jul-12
logo
GOOD-ARK Electronics
SB1235 GOOD-ARK-SB1235_15 Datasheet
87Kb / 2P
   Photovoltaic Solar cell Protection Schottky Rectifier
logo
Vishay Siliconix
VSB1545-M3 VISHAY-VSB1545-M3_V01 Datasheet
78Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
08-Feb-17
VSB1545S-E3 VISHAY-VSB1545S-E3 Datasheet
84Kb / 5P
   Photovoltaic Solar Cell Protection Schottky Rectifier
Revision: 11-Sep-13
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com