Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW5033 Datasheet(PDF) 3 Page - Minmax Technology Co., Ltd.

Part # MKW5033
Description  DC/DC CONVERTER 30W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW5033 Datasheet(HTML) 3 Page - Minmax Technology Co., Ltd.

  MKW5033 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW5033 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW5033 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW5033 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW5033 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW5033 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MKW5000 SERIES
DC/DC CONVERTER 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/27 REV:6
Page 3 of 6
®
Notes
1
Specifications typical at Ta=+25℃, resistive load, nominal input voltage and rated output current unless otherwise noted.
2
Transient recovery time is measured to within 1% error band for a step change in output load of 75% to 100%
3
These power converters require a minimum output loading to maintain specified regulation, operation under no-load conditions will not damage these modules;
however they may not meet all specifications listed.
4
We recommend to protect the converter by a slow blow fuse in the input supply line.
5
Other input and output voltage may be available, please contact factory.
6
That “natural convection” is about 20LFM but is not equal to still air (0 LFM).
7
Specifications are subject to change without notice.
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
+Vin
2
-Vin
3
Remote On/Off
4
+Vout
5
-Vout
6
Trim
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter 1.0 ±0.05 (0.04±0.002)
Physical Characteristics
Case Size
: 50.8x25.4x10.2mm (2.0x1.0x0.40 inches)
Case Material
: Aluminum Anodizing Treatment in Black
Base Material
: FR4 PCB (flammability to UL 94V-0 rated)
Pin Material
: Copper Alloy with Gold Plate Over Nickel Subplate
Weight
: 32g
Heatsink (Option –H)
Physical Characteristics
Heatsink Material
:
Aluminum
Finish
:
Black Anodized Coating
Weight
:
9g
The advantages of adding a heatsink are:
1. To improve heat dissipation and increase the
stability and reliability of the DC/DC converters at
high operating temperatures.
2. To increase operating temperature of the DC/DC
converter, please refer to Derating Curve.
31.0[1.22]Max
17.2[0.68]Max
Converter
Clamp
Thermal pad
Heat-sink
10.16
25.4 [1.00]
[0.40]
10.16
[0.40]
2.54
[0.10]
10.16
[0.40]
5.08
[0.20]
10.2
[0.40]
5.1
[0.20]
6
5
4
1
2
3
1.1 [0.04]
Bottom View
5.08
[0.20]


Similar Part No. - MKW5033

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5033 TOTAL-POWER-MKW5033 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5033 MINMAX-MKW5033 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MKW5033 MINMAX-MKW5033 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW5033 TOTAL-POWER-MKW5033 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5033

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E_15 Datasheet
896Kb / 5P
   30W, AC/DC converter
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
   25~30W DC-DC Dual Output Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
HY-LINE Power Component...
P25C123R3S HY-LINE-P25C123R3S Datasheet
204Kb / 2P
   25&30W DC-DC Converter P30C-Series
Rev: 2/09 f
P25C12S3P3 HY-LINE-P25C12S3P3 Datasheet
204Kb / 2P
   25&30W DC-DC Converter P30C-Series
Rev: 2/08 f
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com