Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKW5030 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # MKW5030
Description  DC/DC CONVERTER 30W
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MKW5030 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  MKW5030 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MKW5030 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MKW5030 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MKW5030 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MKW5030 Datasheet HTML 5Page - Minmax Technology Co., Ltd. MKW5030 Datasheet HTML 6Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MKW5000 SERIES
DC/DC CONVERTER 30W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/06/27 REV:6
Page 5 of 6
®
Test Setup
Input Reflected-Ripple Current Test Setup
Input reflected-ripple current is measured with a inductor Lin (4.7μH) and Cin (220μF, ESR < 1.0Ω at 100 KHz) to simulate source impedance.
Capacitor Cin, offsets possible battery impedance. Current ripple is measured at the input terminals of the module, measurement bandwidth is 0-500 KHz.
+Out
-Out
+Vin
-Vin
DC / DC
Converter
Load
Battery
+
Lin
+
Cin
To Oscilloscope
Current
Probe
Peak-to-Peak Output Noise Measurement Test
Use a Cout 1.0μF ceramic capacitor. Scope measurement should be made by using a BNC socket, measurement bandwidth is 0-20 MHz. Position the load
between 50 mm and 75 mm from the DC/DC Converter.
+Out
-Out
+Vin
-Vin
Single Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Copper Strip
+Out
-Out
+Vin
-Vin
Dual Output
DC / DC
Converter
Resistive
Load
Scope
Copper Strip
Cout
Com.
Scope
Cout
Copper Strip
Copper Strip
Technical Notes
Remote On/Off
Positive logic remote on/off turns the module on during a logic high voltage on the remote on/off pin, and off during a logic low. To turn the power module on and off,
the user must supply a switch to control the voltage between the on/off terminal and the -Vin terminal. The switch can be an open collector or equivalent.
A logic low is -1V to 1.0V. A logic high is 2.5V to 100V. The maximum sink current at the on/off terminal (Pin 3) during a logic low is -100μA.
The maximum allowable leakage current of a switch connected to the on/off terminal (Pin 3) at logic high (2.5V to 100V) is 5μA.
Output Voltage Trim
Output voltage trim allows the user to increase or decrease the output voltage set point of a module.
The output voltage can be adjusted by placing an external resistor (Radj) between the Trim and +Vout or -Vout terminals. By adjusting Radj, the output voltage can be
change by ±10% of the nominal output voltage.
+Out
-Out
+Vin
-Vin
Trim Up
Enable
Trim
Trim Down
10K
Trim
Up/Down
A 10K, 1 or 10 Turn trimpot is usually specified for continuous trimming. Trim pin may be safely left floating if it is not used.
Connecting the external resistor (Radj-up) between the Trim and -Vout pins increases the output voltage to set the point as defined in the following equation:
(
)
(
)
Vout
-
Vadj
Vadj
×
30
-
Vout
×
33
=
up
-
Radj
Connecting the external resistor (Radj-down) between the Trim and +Vout pins decreases the output voltage set point as defined in the following equation:
(
) (
)
Vadj
-
Vout
Vout
×
33
-
Vadj
×
667
.
36
=
down
-
Radj
Vout: Nominal Output Voltage Vadj: Adjusted Output Voltage Units: VDC/ KΩ
Overload Protection
To provide protection in a fault (output overload) condition, the unit is equipped with internal current limiting circuitry and can endure current limiting for an unlimited
duration. At the point of current-limit inception, the unit shifts from voltage control to current control. The unit operates normally once the output current is brought back
into its specified range.
Overvoltage Protection
The output overvoltage clamp consists of control circuitry, which is independent of the primary regulation loop, that monitors the voltage on the output terminals.
The control loop of the clamp has a higher voltage set point than the primary loop. This provides a redundant voltage control that reduces the risk of output
overvoltage. The OVP level can be found in the output data.


Similar Part No. - MKW5030

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
MKW5030 TOTAL-POWER-MKW5030 Datasheet
67Kb / 8P
   25 - 30 Watts 2:1 Wide Input Range DC/DC Converters
logo
Minmax Technology Co., ...
MKW5030 MINMAX-MKW5030 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
MKW5030 MINMAX-MKW5030 Datasheet
357Kb / 5P
   DC/DC CONVERTER 30W 2?쓝 1?쓝 0.4??Metal Package
logo
Total Power Internation...
MKW5030 TOTAL-POWER-MKW5030 Datasheet
496Kb / 5P
   Wide 2:1 Input Range
More results

Similar Description - MKW5030

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MPW1000 MINMAX-MPW1000_15 Datasheet
696Kb / 7P
   DC/DC CONVERTER 30W
logo
Mean Well Enterprises C...
RSD-30 MEANWELL-RSD-30 Datasheet
961Kb / 10P
   30W Reliable Railway DC-DC Converter
logo
MORNSUN Science& Techno...
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E Datasheet
1Mb / 4P
   30W,AC-DC CONVERTER
LM30-00J0512-03E MORNSUN-LM30-00J0512-03E_15 Datasheet
896Kb / 5P
   30W, AC/DC converter
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
   25~30W DC-DC Dual Output Converter
DDR-30 MEANWELL-DDR-30 Datasheet
124Kb / 4P
   30W DIN Rail Type DC-DC Converter
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
HY-LINE Power Component...
P25C123R3S HY-LINE-P25C123R3S Datasheet
204Kb / 2P
   25&30W DC-DC Converter P30C-Series
Rev: 2/09 f
P25C12S3P3 HY-LINE-P25C12S3P3 Datasheet
204Kb / 2P
   25&30W DC-DC Converter P30C-Series
Rev: 2/08 f
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com