Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIW06 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MIW06
Description  DC/DC CONVERTER 6W, DIP-Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MIW06 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MIW06_15 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MIW06_15 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MIW06_15 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MIW06_15 Datasheet HTML 4Page - Minmax Technology Co., Ltd. MIW06_15 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MIW06 SERIES
DC/DC CONVERTER 6W, DIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:8
Page 1 of 5
®
FEATURES
Industrial Standard DIP-24 Package
Wide 2:1 Input Voltage Range
Fully Regulated Output Voltage
I/O Isolation 1500 VDC (opt. 3000VDC)
Operating Ambient Temp. Range -40℃ to +85℃
No Min. Load Requirement
Overload and Short Circuit Protection
Designed-in Conducted EMI meets EN55022 Class A & FCC Level A
UL/cUL/IEC/EN 60950-1 Safety Approval
PRODUCT OVERVIEW
The MINMAX MIW06 series is a new range of high performance dc-dc converter modules with 6W output power, featuring wide 2:1 input voltage ranges
and tight output voltage regulation. The product comes in a DIP-24 package with industry standard footprint.
Excellent efficiency allows an operation temperature range of -40°C to +85°C (with derating).Standard features include overload protection.
Typical applications for these cost optimized converters are battery powered equipment, instrumentation, datacom and industrial electronics.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output
Current
Input Current
Reflected
Ripple
Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
mA(typ.)
μF
%
MIW06-12S033
12
(9 ~ 18)
3.3
1200
440
40
30
470
75
MIW06-12S05
5
1200
641
470
78
MIW06-12S12
12
500
609
100
82
MIW06-12S15
15
400
609
100
82
MIW06-12S24
24
250
595
47
84
MIW06-12D05
±5
±500
534
100#
78
MIW06-12D12
±12
±250
609
100#
82
MIW06-12D15
±15
±200
609
100#
82
MIW06-24S033
24
(18 ~ 36)
3.3
1200
214
20
20
470
77
MIW06-24S05
5
1200
313
470
80
MIW06-24S12
12
500
298
100
84
MIW06-24S15
15
400
298
100
84
MIW06-24S24
24
250
298
47
84
MIW06-24D05
±5
±500
260
100#
80
MIW06-24D12
±12
±250
298
100#
84
MIW06-24D15
±15
±200
298
100#
84
MIW06-48S033
48
(36 ~ 75)
3.3
1200
107
10
15
470
77
MIW06-48S05
5
1200
156
470
80
MIW06-48S12
12
500
149
100
84
MIW06-48S15
15
400
149
100
84
MIW06-48S24
24
250
149
47
84
MIW06-48D05
±5
±500
130
100#
80
MIW06-48D12
±12
±250
149
100#
84
MIW06-48D15
±15
±200
149
100#
84
# For each output


Similar Part No. - MIW06_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MIW06-12D05 MINMAX-MIW06-12D05 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIW06-12D05 TOTAL-POWER-MIW06-12D05 Datasheet
470Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW06-12D12 MINMAX-MIW06-12D12 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Total Power Internation...
MIW06-12D12 TOTAL-POWER-MIW06-12D12 Datasheet
470Kb / 4P
   DIP-24 Plastic Package
logo
Minmax Technology Co., ...
MIW06-12D12M MINMAX-MIW06-12D12M Datasheet
941Kb / 5P
   DC-DC CONVERTER 6W
More results

Similar Description - MIW06_15

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MGWI06 MINMAX-MGWI06_15 Datasheet
487Kb / 4P
   DC/DC CONVERTER 6W, DIP Package
MIWI06 MINMAX-MIWI06_15 Datasheet
631Kb / 5P
   DC/DC CONVERTER 6W, DIP-Package
logo
Mean Well Enterprises C...
SCWN06 MEANWELL-SCWN06 Datasheet
106Kb / 4P
   6W DIP Package DC-DC Regulated Converter
logo
Minmax Technology Co., ...
MIW06 MINMAX-MIW06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
logo
Delta Electronics, Inc.
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
DJ06S DELTA-DJ06S Datasheet
210Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MIWI06 MINMAX-MIWI06 Datasheet
294Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MIW3100 MINMAX-MIW3100_11 Datasheet
282Kb / 4P
   DC/DC CONVERTER 6W, DIP-24 Plastic Package
MGWI06 MINMAX-MGWI06 Datasheet
284Kb / 4P
   DC/DC CONVERTER 6W, Ultra compact DIP Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com