Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCWI02 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # MCWI02
Description  DC/DC CONVERTER 2W, SIP-Package
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

MCWI02 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  MCWI02_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. MCWI02_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. MCWI02_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. MCWI02_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCWI02 SERIES
DC/DC CONVERTER 2W, SIP-Package
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:1
Page 1 of 4
®
FEATURES
Industrial Standard SIP-8 Package
Ultra-wide 4 : 1 Input Voltage Range
Fully Regulated Output Voltage
I/O Isolation 1500 VDC
Operating Ambient Temp. Range -40℃ to +90 ℃
No Min. Load Requirement
Overload and Short Circuit Protection
Remote On/Off Control
UL/cUL/IEC/EN 60950-1 Safety Approval
PRODUCT OVERVIEW
The MINMAX MCWI02 series is a range of isolated 2W DC/DC converter modules featuring fully regulated output and ultra-wide 4:1 input voltage ranges.
The product comes in a SIP-8 package with a very small footprint occupying only 2.0 cm2 (0.32 square in.) on the PCB.
An excellent efficiency allows an operating temperature range up to 75°C at full load. Further features include remote On/Off control and over load
protection.
The very compact dimensions of these DC/DC converters make them an ideal solution for many space critical applications in battery-powered equipment
and instrumentation.
Model Selection Guide
Model
Number
Input
Voltage
(Range)
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
Max.
@Max. Load
@No Load
@Max. Load
VDC
VDC
mA
mA(typ.)
mA(typ.)
μF
%
MCWI02-12S033
12
(4.5 ~ 18)
3.3
500
183
60
1000
75
MCWI02-12S05
5
400
208
1000
80
MCWI02-12S12
12
167
204
170
82
MCWI02-12S15
15
134
204
110
82
MCWI02-12D05
±5
±200
208
470#
80
MCWI02-12D12
±12
±83
202
100#
82
MCWI02-12D15
±15
±67
204
47#
82
MCWI02-24S033
24
(9 ~ 36)
3.3
500
92
30
1000
75
MCWI02-24S05
5
400
104
1000
80
MCWI02-24S12
12
167
102
170
82
MCWI02-24S15
15
134
102
110
82
MCWI02-24D05
±5
±200
104
470#
80
MCWI02-24D12
±12
±83
101
100#
82
MCWI02-24D15
±15
±67
102
47#
82
MCWI02-48S033
48
(18 ~ 75)
3.3
500
46
20
1000
74
MCWI02-48S05
5
400
52
1000
80
MCWI02-48S12
12
167
51
170
82
MCWI02-48S15
15
134
51
110
82
MCWI02-48D05
±5
±200
52
470#
80
MCWI02-48D12
±12
±83
51
100#
82
MCWI02-48D15
±15
±67
51
47#
82
# For each output


Similar Part No. - MCWI02_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
MCWI02-12D05 MINMAX-MCWI02-12D05 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
logo
Total Power Internation...
MCWI02-12D05 TOTAL-POWER-MCWI02-12D05 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Minmax Technology Co., ...
MCWI02-12D12 MINMAX-MCWI02-12D12 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
logo
Total Power Internation...
MCWI02-12D12 TOTAL-POWER-MCWI02-12D12 Datasheet
668Kb / 3P
   High Power Density in SIP-8 Package
logo
Minmax Technology Co., ...
MCWI02-12D15 MINMAX-MCWI02-12D15 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
More results

Similar Description - MCWI02_16

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
PC02S DELTA-PC02S Datasheet
205Kb / 4P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S_14 Datasheet
280Kb / 6P
   2W DC/DC CONVERTER, SIP-Package
PG02S DELTA-PG02S Datasheet
332Kb / 5P
   2W DC/DC CONVERTER, SIP-Package
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_16 Datasheet
665Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
MCW1000 MINMAX-MCW1000_16 Datasheet
565Kb / 4P
   DC/DC CONVERTER 2W, SIP-Package
logo
Mean Well Enterprises C...
SPAN02 MEANWELL-SPAN02 Datasheet
108Kb / 4P
   2W SIP Package DC-DC Regulated Converter
MDS02 MEANWELL-MDS02 Datasheet
95Kb / 5P
   2W SIP Package DC-DC Medical Grade Unregulated Converter
logo
Minmax Technology Co., ...
MAU300 MINMAX-MAU300_13 Datasheet
511Kb / 4P
   DC/DC CONVERTER 2W SIP Package with Industry Standard Pinout
MCWI02 MINMAX-MCWI02 Datasheet
649Kb / 3P
   DC/DC CONVERTER 2W, Hihg Power Density in SIP-8 Package
MCW1000 MINMAX-MCW1000 Datasheet
603Kb / 4P
   DC/DC CONVERTER 2W High Power Density in SIP-8 Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com