Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM-40 Datasheet(PDF) 1 Page - Minmax Technology Co., Ltd.

Part # APM-40
Description  AC/DC Power Module 40W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

APM-40 Datasheet(HTML) 1 Page - Minmax Technology Co., Ltd.

  APM-40_16 Datasheet HTML 1Page - Minmax Technology Co., Ltd. APM-40_16 Datasheet HTML 2Page - Minmax Technology Co., Ltd. APM-40_16 Datasheet HTML 3Page - Minmax Technology Co., Ltd. APM-40_16 Datasheet HTML 4Page - Minmax Technology Co., Ltd. APM-40_16 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APM-40 SERIES
AC/DC Power Module 40W, Industrial & Medical Safety
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2016/08/30 REV:3 Page 1 of 5
FEATURES
Fully Encapsulated Plastic Case for
PCB, Chassis and DIN-Rail Mounting Version
Universal Input 85~264VAC, 47~440Hz
Protection Class II as per IEC/EN 60536
I/O Isolation 4000VAC with Reinforced Insulation
Operating Ambient Temp. Range -40to +80
Overload/Voltage and Short Circuit Protection
Designed-in EMI Emission meets EN55011/22 Class B & FCC Level B
Designed-in EMC Immunity meets EN61000-4-2,3,4,5,6,8,11
Medical EMC Standard meets EMI EN55011 & EMS EN60601-1-2
Medical Safety meets 2xMOPP per 3rd Edition of IEC/EN 60601-1 &
ANSI/AAMI ES60601-1
UL508 Safety Approval Specifically for Industrial Application
UL/cUL/IEC/EN 60950-1 Safety Approval & CE Marking
PRODUCT OVERVIEW
The new MINMAX APM-40 series is a range of fully encapsulated AC/DC power modules. These high performance products feature an extended operating
temperature range of -40°C to +80°C. Universal input voltage 85-264VAC and UL/IEC/EN safety approvals including medical safety and UL508 listing
qualify these power supplies modules for applications in products with worldwide markets.EMI-filter meets EN55022, class B and FCC,part15, class B.
The APM-40 series power modules provide an economical solution for many space critical applications in commercial, medical and industrial electronic
equipment.
Model Selection Guide
Model
Number
Output
Voltage
Output Current
Input Current
Max. capacitive
Load
Efficiency
(typ.)
115VAC, 60Hz
230VAC, 50Hz
Max.
@Max. Load
@Max. Load, 115VAC
VDC
mA
mA(typ.)
μF
%
APM-40S05
5
8000
716
429
8000
81
APM-40S12
12
3330
689
414
3900
84
APM-40S15
15
2660
680
408
3900
85
APM-40S24
24
1660
687
413
680
84
APM-40D12
±12
±1660
687
413
1500#
84
APM-40D15
±15
±1330
680
408
1000#
85
# For each output
Input Specifications
Parameter
Conditions / Model
Min.
Typ.
Max.
Unit
AC Voltage Input Range
All Models
85
---
264
VAC
Input Frequency Range
47
---
440
Hz
DC Voltage Input Range
120
---
370
VDC
No-Load Power Consumption
---
---
0.3
W
Inrush Current
115VAC
Cold Start at 25℃
---
---
30
A
230VAC
---
---
60
A


Similar Part No. - APM-40_16

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
More results

Similar Description - APM-40_16

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24_16 Datasheet
443Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
logo
Mean Well Enterprises C...
GE40 MEANWELL-GE40 Datasheet
489Kb / 5P
   40W AC-DC Interchangeable Industrial Adaptor
logo
TDK Electronics
KM TDK-KM Datasheet
523Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
TDK Electronics
KMS15 TDK-KMS15 Datasheet
688Kb / 2P
   15-40W Medical AC-DC PCB-Mount Power Supplies
logo
Mean Well Enterprises C...
GSM40 MEANWELL-GSM40 Datasheet
248Kb / 2P
   40W AC-DC Single Output Medical Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com