Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AJM-24S12 Datasheet(PDF) 5 Page - Minmax Technology Co., Ltd.

Part # AJM-24S12
Description  AC/DC Power Module 24W, Industrial & Medical Safety
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

AJM-24S12 Datasheet(HTML) 5 Page - Minmax Technology Co., Ltd.

  AJM-24S12 Datasheet HTML 1Page - Minmax Technology Co., Ltd. AJM-24S12 Datasheet HTML 2Page - Minmax Technology Co., Ltd. AJM-24S12 Datasheet HTML 3Page - Minmax Technology Co., Ltd. AJM-24S12 Datasheet HTML 4Page - Minmax Technology Co., Ltd. AJM-24S12 Datasheet HTML 5Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
AJM-24 SERIES
AC/DC Power Module 24W, Industrial & Medical Safety
Minmax Technology Co., Ltd.
18, Sin Sin Road, An-Ping Industrial District, Tainan 702, Taiwan
Tel: 886-6-2923150
Fax: 886-6-2923149
E-mail: sales@minmax.com.tw
2016/08/31 REV:3 Page 5 of 55
DIN-Rail Mounting Bracket (Order code for Kit : AC-DIN-01)
Order Code Table
PCB Mounting
Chassis Mounting
With DIN Rail Mounting by two Order Code
AJM-24S05
AJM-24S05C
AJM-24S05C
AC-DIN-01
AJM-24S09
AJM-24S09C
AJM-24S09C
AC-DIN-01
AJM-24S12
AJM-24S12C
AJM-24S12C
AC-DIN-01
AJM-24S15
AJM-24S15C
AJM-24S15C
AC-DIN-01
AJM-24S24
AJM-24S24C
AJM-24S24C
AC-DIN-01
AJM-24D12
AJM-24D12C
AJM-24D12C
AC-DIN-01
AJM-24D15
AJM-24D15C
AJM-24D15C
AC-DIN-01


Similar Part No. - AJM-24S12

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
AJM-24 MINMAX-AJM-24 Datasheet
556Kb / 5P
   CE Marking with EMC and LVD
More results

Similar Description - AJM-24S12

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AB24S DELTA-AB24S Datasheet
375Kb / 5P
   AC/DC Power Module 24W, Industrial & Medical Safety
logo
Minmax Technology Co., ...
AYM-60 MINMAX-AYM-60_16 Datasheet
565Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
APM-40 MINMAX-APM-40_16 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
logo
Delta Electronics, Inc.
AB40S DELTA-AB40S Datasheet
328Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
AB60S DELTA-AB60S Datasheet
393Kb / 5P
   AC/DC Power Module 60W, Industrial & Medical Safety
logo
Arch Electronics Corp.
MQCS100 ARCH-MQCS100 Datasheet
239Kb / 3P
   AC-DC Medical Power Module
logo
MORNSUN Science& Techno...
MA02405HA MORNSUN-MA02405HA Datasheet
420Kb / 4P
   24W AC/DC Adapter
MY02405DA MORNSUN-MY02405DA Datasheet
320Kb / 4P
   24W AC/DC Adapter
MG02405HA MORNSUN-MG02405HA Datasheet
436Kb / 4P
   24W AC/DC Adapter
MI02405HA MORNSUN-MI02405HA Datasheet
432Kb / 4P
   24W AC/DC Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com