Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8177AMX250TCG Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCV8177AMX250TCG
Description  Linear Voltage Regulator Fast Transient Response 500 mA with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177AMX250TCG Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCV8177AMX250TCG Datasheet HTML 3Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 4Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 5Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 6Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 7Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 8Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 9Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 10Page - ON Semiconductor NCV8177AMX250TCG Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
NCV8177
www.onsemi.com
9
The EN pin has internal pull−down current source with
value of 300 nA typ. which assures the device is turned off
when the EN pin is unconnected. In case when the EN
function isn’t required the EN pin should be tied directly to
IN pin.
Output Current Limit
Output current is internally limited to a 750 mA typ. The
LDO will source this current when the output voltage drops
down from the nominal output voltage (test condition is
VOUT−NOM – 100 mV). If the output voltage is shorted to
ground, the short circuit protection will limit the output
current to 700 mA typ. The current limit and short circuit
protection will work properly over the whole temperature
and input voltage ranges. There is no limitation for the short
circuit duration.
Thermal Shutdown
When the LDO’s die temperature exceeds the thermal
shutdown threshold value the device is internally disabled.
The IC will remain in this state until the die temperature
decreases by value called thermal shutdown hysteresis.
Once the IC temperature falls this way the LDO is back
enabled. The thermal shutdown feature provides the
protection against overheating due to some application
failure and it is not intended to be used as a normal working
function.
Power Dissipation
Power dissipation caused by voltage drop across the LDO
and by the output current flowing through the device needs
to be dissipated out from the chip. The maximum power
dissipation is dependent on the PCB layout, number of used
Cu layers, Cu layers thickness and the ambient temperature.
The maximum power dissipation can be computed by
following equation:
P
D(MAX) +
T
J * TA
q
JA
+
125
* T
A
q
JA
[W]
(eq. 1)
Where: (TJ − TA) is the temperature difference between the
junction and ambient temperatures and
θJA is the thermal
resistance (dependent on the PCB as mentioned above).
For reliable operation junction temperature should be
limited to +125
°C.
The power dissipated by the LDO for given application
conditions can be calculated by the next equation:
P
D + VIN @ IGND ) VIN * VOUT @ IOUT [W]
(eq. 2)
Where: IGND is the LDO’s ground current, dependent on the
output load current.
Connecting the exposed pad and
N/C pin to a large ground
planes helps to dissipate the heat from the chip.
The relation of
θJA and PD(MAX) to PCB copper area and
Cu layer thickness could be seen on the Figure 26.
Reverse Current
The PMOS pass transistor has an inherent body diode
which will be forward biased in the case when VOUT > VIN.
Due to this fact in cases, where the extended reverse current
condition can be anticipated the device may require
additional external protection.
Power Supply Rejection Ratio
The LDO features very high power supply rejection ratio.
The PSRR at higher frequencies (in the range above
100 kHz) can be tuned by the selection of COUT capacitor
and proper PCB layout. A simple LC filter could be added
to the LDO’s IN pin for further PSRR improvement.
Enable Turn−On Time
The enable turn−on time is defined as the time from EN
assertion to the point in which VOUT will reach 98% of its
nominal value. This time is dependent on various
application conditions such as VOUT−NOM, COUT and TA.
PCB Layout Recommendations
To obtain good transient performance and good regulation
characteristics place CIN and COUT capacitors as close as
possible to the device pins and make the PCB traces wide.
In order to minimize the solution size, use 0402 or 0201
capacitors size with appropriate effective capacitance.
Larger copper area connected to the pins will also improve
the device thermal resistance. The actual power dissipation
can be calculated from the equation above (Power
Dissipation section). Exposed pad and N/C pin should be
tied to the ground plane for good power dissipation.


Similar Part No. - NCV8177AMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177AMX250TCG ONSEMI-NCV8177AMX250TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMX250TCG ONSEMI-NCV8177AMX250TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177AMX250TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_V01 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com