Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABF-04S05 Datasheet(PDF) 2 Page - Minmax Technology Co., Ltd.

Part # ABF-04S05
Description  AC/DC Power Module 4W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINMAX [Minmax Technology Co., Ltd.]
Direct Link  http://www.minmax.com.tw
Logo MINMAX - Minmax Technology Co., Ltd.

ABF-04S05 Datasheet(HTML) 2 Page - Minmax Technology Co., Ltd.

  ABF-04S05 Datasheet HTML 1Page - Minmax Technology Co., Ltd. ABF-04S05 Datasheet HTML 2Page - Minmax Technology Co., Ltd. ABF-04S05 Datasheet HTML 3Page - Minmax Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ABF-04 SERIES
AC/DC POWER MODULE 4W
E-mail:sales@minmax.com.tw
Tel:886-6-2923150
2015/07/31 REV:9
Page 2 of 3
Output Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
Output Voltage Setting Accuracy
Single and Dual Output Models
---
±1.0
±2.0
%Vnom.
ABF-04D53 & ABF-04D125
---
±2.0
±5.0
%Vnom.
Line Regulation
Single and Dual Output Models
---
±0.5
±1.0
%
ABF-04D53 & ABF-04D125
Vo1
---
±0.5
±1.0
%
Vo2
---
±1.0
±3.0
%
Load Regulation
3.3VDC Output Model
---
±1.0
±1.5
%
5~24VDC and Dual Output Models
---
±0.5
±1.0
%
ABF-04D53 & ABF-04D125
Vo1
---
±0.5
±1.0
%
Vo2
---
±2.5
±5.0
%
Ripple & Noise
0-20 MHz Bandwidth
3.3V & 5VDC Output Models
---
100
150
mV P-P
Other Output Models
---
0.8
1.0
%VPP of Vo
Minimum Load
Single Output and Dual +/- Output Models
No min. Load
required
---
---
%Inom.
Dual +/+ Output Models
---
25
---
%Inom.
Over Voltage Protection
Zener diode clamp
---
120
---
% of Vo
Temperature Coefficient
---
±0.01
±0.02
%/℃
Overshoot
---
---
5
%Vout
Current Limitation
Foldback, auto-recovery
105
---
---
%Inom.
(long term overload condition may cause damage)
Short Circuit Protection
Hiccup mode, Automatic Recovery
General Specifications
Parameter
Conditions
Min.
Typ.
Max.
Unit
I/O Isolation Voltage
Input to Output, 60 Seconds
3000
---
---
VAC
I/O Isolation Resistance
500 VDC
100
---
---
Switching Frequency
---
130
---
KHz
Hold-up Time
---
20
---
ms
MTBF (calculated)
MIL-HDBK-217F@25℃, Ground Benign
330,000
Hours
Protection Class II
According IEC/EN 60536
Safety Approvals
UL/cUL 60950-1 recognition(UL certificate) , IEC/EN 60950-1(CB-report)
EMC Specifications
Parameter
Standards & Level
Performance
EMI
Conduction and Radiation
EN 55011,EN55022, FCC part 15
Class B
EMS
EN 55011,EN55024
ESD
EN61000-4-2 air ± 8kV , Contact ± 4kV
B
Radiated immunity
EN61000-4-3 10V/m
A
Fast transient
EN61000-4-4 ±2kV
B
Surge
EN61000-4-5 ±1kV
B
Conducted immunity
EN61000-4-6 10Vrms
B
PFMF
EN61000-4-8 30A/m
A
Dips
EN61000-4-11 30% 10ms
B
Interruptions
EN61000-4-11 >95% 5000ms
C
Environmental Specifications
Parameter
Conditions
Min.
Max.
Unit
Operating Ambient Temperature Range
(See Power Derating Curve)
Natural Convection
-25
+60
Storage Temperature Range
-40
+85
Power Derating
+50℃ to +60℃
0.3
W / ℃
Over Temperature Protection
at 90℃ (automatic recovery at 67℃)
Humidity (non condensing)
---
95
% rel. H
Cooling
Natural Convection
Lead Temperature (1.5mm from case for 10Sec.)
---
260


Similar Part No. - ABF-04S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04S05 MINMAX-ABF-04S05 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
More results

Similar Description - ABF-04S05

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
ABF-04 MINMAX-ABF-04 Datasheet
276Kb / 3P
   AC/DC Power Module 4W Ultra-compact Dimensions
logo
Analog Technologies, In...
ATMV24VPN200V10MA2 ANALOGTECHNOLOGIES-ATMV24VPN200V10MA2 Datasheet
738Kb / 7P
   4W Isolated DC-DC Power Module
6/28/2022
logo
Delta Electronics, Inc.
AA04S DELTA-AA04S Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
AA04S0300A DELTA-AA04S0300A Datasheet
251Kb / 5P
   4W Single and Dual Output, AC/DC Power Module
AA04S-D DELTA-AA04S-D Datasheet
287Kb / 4P
   4W Single and Dual Output, AC/DC Power Module
logo
Arch Electronics Corp.
AFC-E1 ARCH-AFC-E1 Datasheet
495Kb / 5P
   AC-DC Power Module
AOC ARCH-AOC Datasheet
117Kb / 3P
   AC-DC Power Module
AHC-E1 ARCH-AHC-E1_12 Datasheet
273Kb / 3P
   AC-DC Power Module
AFC ARCH-AFC Datasheet
495Kb / 5P
   AC-DC Power Module
AEC60 ARCH-AEC60_12 Datasheet
321Kb / 3P
   AC-DC Power Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com