Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8177 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCV8177
Description  Linear Voltage Regulator Fast Transient Response 500 mA with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177 Datasheet(HTML) 2 Page - ON Semiconductor

  NCV8177 Datasheet HTML 1Page - ON Semiconductor NCV8177 Datasheet HTML 2Page - ON Semiconductor NCV8177 Datasheet HTML 3Page - ON Semiconductor NCV8177 Datasheet HTML 4Page - ON Semiconductor NCV8177 Datasheet HTML 5Page - ON Semiconductor NCV8177 Datasheet HTML 6Page - ON Semiconductor NCV8177 Datasheet HTML 7Page - ON Semiconductor NCV8177 Datasheet HTML 8Page - ON Semiconductor NCV8177 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCV8177
www.onsemi.com
2
Figure 2. Internal Block Diagram
IN
EN
OUT
GND
VOLTAGE REFERENCE
AND
SOFT−START
0.7 V
THERMAL
SHUTDOWN
VOLTAGE REFERENCE
AND
SOFT−START
0.7 V
THERMAL
SHUTDOWN
NCV8177A (with active discharge)
NCV8177B (without active discharge)
IN
EN
OUT
GND
PIN FUNCTION DESCRIPTION
Pin No.
Pin Name
Description
1
OUT
Regulated output voltage pin
2
GND
Power supply ground pin
3
EN
Enable pin (active “H”)
4
IN
Power supply input voltage pin
EPAD
Exposed pad should be tied to ground plane for better power dissipation
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Input Voltage (Note 1)
IN
−0.3 to 6.0
V
Output Voltage
OUT
−0.3 to VIN + 0.3
V
Chip Enable Input
EN
−0.3 to 6.0
V
Output Current
IOUT
Internally Limited
mA
Operating Ambient Temperature Range
TA
−40 to +125
°C
Maximum Junction Temperature
TJ(MAX)
150
°C
Storage Temperature
TSTG
−55 to 150
°C
ESD Capability, Human Body Model (Note 2)
ESDHBM
2000
V
ESD Capability, Machine Model (Note 2)
ESDMM
200
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Refer to ELECTRICAL CHARACTERISTICS and APPLICATION INFORMATION for Safe Operating Area.
2. This device series incorporates ESD protection and is tested by the following methods:
ESD Human Body Model tested per JESD22−A114
ESD Machine Model tested per JESD22−A115
Latchup Current Maximum Rating tested per JEDEC standard: JESD78
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Thermal Characteristics, XDFN4 (Note 3)
Thermal Resistance, Junction−to−Air
RqJA
223
°C/W
3. Measured according to JEDEC board specification. Detailed description of the board can be found in JESD51−7
RECOMMENDED OPERATING CONDITIONS
Rating
Symbol
Min
Max
Unit
Input Voltage
VIN
1.6
5.5
V
Junction Temperature
TJ
−40
125
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.


Similar Part No. - NCV8177

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW085TCG ONSEMI-NCV8177AMTW085TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCV8177AMTW090TCG-A642 ONSEMI-NCV8177AMTW090TCG-A642 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_V01 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com