Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV8177 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NCV8177
Description  Linear Voltage Regulator Fast Transient Response 500 mA with Enable
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV8177 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button NCV8177 Datasheet HTML 3Page - ON Semiconductor NCV8177 Datasheet HTML 4Page - ON Semiconductor NCV8177 Datasheet HTML 5Page - ON Semiconductor NCV8177 Datasheet HTML 6Page - ON Semiconductor NCV8177 Datasheet HTML 7Page - ON Semiconductor NCV8177 Datasheet HTML 8Page - ON Semiconductor NCV8177 Datasheet HTML 9Page - ON Semiconductor NCV8177 Datasheet HTML 10Page - ON Semiconductor NCV8177 Datasheet HTML 11Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
NCV8177
www.onsemi.com
7
TYPICAL CHARACTERISTICS
VIN = VOUT−NOM + 0.5 V or VIN = 1.6 V (whichever is higher), VEN = 1.2 V, IOUT = 1 mA, CIN = COUT = 1.0 mF, TJ = 25°C
Figure 21. Power Supply Rejection Ratio
Figure 22. Output Voltage Noise Spectral
Density
FREQUENCY (Hz)
FREQUENCY (Hz)
10M
1M
100k
10k
1k
100
10
0
10
30
40
50
60
80
90
1M
100k
10k
1k
100
10
0
1
2
3
4
5
6
Figure 23. Turn−ON/OFF − VIN Driven (slow)
Figure 24. Turn−ON − VIN Driven (fast)
Figure 25. Turn−ON/OFF − EN Driven
Figure 26. Line Transient Response
1 ms/div
VOUT−NOM = 1.8 V
VIN
IIN
VOUT
50
ms/div
VOUT−NOM = 1.8 V
IIN
VIN
VOUT
1 ms/div
VOUT−NOM = 1.8 V
VIN
IIN
VOUT
Without output discharge
With output discharge
5
ms/div
VOUT−NOM = 1.8 V
3.3 V
VIN
VOUT
tR = tF = 1 ms
VEN
2.3 V
1.8 V
20
70
COUT = 1 mF X7R 0805
VOUT_NOM = 1.8 V, VIN = 3.0 V
VOUT_NOM = 3.3 V, VIN = 4.3 V
VOUT_NOM = 1.8 V, VIN = 3.0 V
VOUT_NOM = 3.3 V, VIN = 4.3 V
COUT = 1 mF X7R 0805
Integral Noise:
10 Hz − 100 kHz: 54
mVrms
10 Hz − 1 MHz: 62
mVrms


Similar Part No. - NCV8177

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW085TCG ONSEMI-NCV8177AMTW085TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCV8177AMTW090TCG ONSEMI-NCV8177AMTW090TCG Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCV8177AMTW090TCG-A642 ONSEMI-NCV8177AMTW090TCG-A642 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
More results

Similar Description - NCV8177

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_V01 Datasheet
606Kb / 14P
   Linear Voltage Regulator, Fast Transient Response, 500 mA with Enable
November, 2019 - Rev. 9
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
NCP176 ONSEMI-NCP176 Datasheet
256Kb / 11P
   Fast Transient Response Low Voltage 500 mA LDO
July, 2015 ??Rev. 3
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
PS22922 ETC2-PS22922 Datasheet
426Kb / 8P
   Fast Transient Response Linear Regulator
logo
National Semiconductor ...
LP38511 NSC-LP38511_09 Datasheet
367Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
Texas Instruments
LP38511 TI1-LP38511_14 Datasheet
1Mb / 19P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
LP38511 TI1-LP38511 Datasheet
359Kb / 16P
[Old version datasheet]   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
logo
National Semiconductor ...
LP38511-1.8 NSC-LP38511-1.8 Datasheet
339Kb / 14P
   800 mA Fast-Transient Response Low-Dropout Linear Voltage Regulator with Error Flag
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com