Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N24C08 Datasheet(PDF) 10 Page - ON Semiconductor

Part # N24C08
Description  2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

N24C08 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button N24C08 Datasheet HTML 2Page - ON Semiconductor N24C08 Datasheet HTML 3Page - ON Semiconductor N24C08 Datasheet HTML 4Page - ON Semiconductor N24C08 Datasheet HTML 5Page - ON Semiconductor N24C08 Datasheet HTML 6Page - ON Semiconductor N24C08 Datasheet HTML 7Page - ON Semiconductor N24C08 Datasheet HTML 8Page - ON Semiconductor N24C08 Datasheet HTML 9Page - ON Semiconductor N24C08 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
N24C02, N24C04, N24C08, N24C16
www.onsemi.com
10
Ordering Information
N24C02 Ordering Information
Device Order Number
Specific Device
Marking
Package Type
Temperature Range
Shipping
N24C02UDTG
AV
U = US−8
D = Industrial
(−40
°C to +85°C)
T = Tape & Reel, 3,000 Units / Reel
N24C02UVTG
AM
U = US−8
V = Automotive Grade 1
(−40
°C to +125°C)
T = Tape & Reel, 3,000 Units / Reel
N24C04 Ordering Information
Device Order Number
Specific Device
Marking
Package Type
Temperature Range
Shipping
N24C04UDTG
AN
U = US−8
D = Industrial
(−40
°C to +85°C)
T = Tape & Reel, 3,000 Units / Reel
N24C04UVTG
AW
U = US−8
V = Automotive Grade 1
(−40
°C to +125°C)
T = Tape & Reel, 3,000 Units / Reel
N24C08 Ordering Information
Device Order Number
Specific Device
Marking
Package Type
Temperature Range
Shipping
N24C08UDTG
AP
U = US−8
D = Industrial
(−40
°C to +85°C)
T = Tape & Reel, 3,000 Units / Reel
N24C08UVTG
AX
U = US−8
V = Automotive Grade 1
(−40
°C to +125°C)
T = Tape & Reel, 3,000 Units / Reel
N24C16 Ordering Information
Device Order Number
Specific Device
Marking
Package Type
Temperature Range
Shipping
N24C16UDTG
AQ
U = US−8
D = Industrial
(−40
°C to +85°C)
T = Tape & Reel, 3,000 Units / Reel
N24C16UVTG
AZ
U = US−8
V = Automotive Grade 1
(−40
°C to +125°C)
T = Tape & Reel, 3,000 Units / Reel
9. All packages are RoHS−compliant (Lead−free, Halogen−free).
10. For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
Japan Customer Focus Center
Phone: 81−3−5817−1050
N24C02/D
ON Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
19521 E. 32nd Pkwy, Aurora, Colorado 80011 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative


Similar Part No. - N24C08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
N24C08 ONSEMI-N24C08 Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
N24C08UDTG ONSEMI-N24C08UDTG Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
N24C08UVTG ONSEMI-N24C08UVTG Datasheet
207Kb / 12P
   EEPROM Serial 2/4/8/16-Kb I2C
May, 2018 ??Rev. 2
More results

Similar Description - N24C08

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAV24C02YE-GT3 ONSEMI-CAV24C02YE-GT3 Datasheet
148Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
May, 2011 ??Rev. 2
CAV24C02 ONSEMI-CAV24C02_15 Datasheet
122Kb / 15P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2015 ??Rev. 4
CAV24C02 ONSEMI-CAV24C02 Datasheet
151Kb / 11P
   2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
April, 2011 ??Rev. 1
CAT24C01LI-G ONSEMI-CAT24C01LI-G Datasheet
237Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C04WI-GT3JN ONSEMI-CAT24C04WI-GT3JN Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
CAT24C01 ONSEMI-CAT24C01 Datasheet
177Kb / 16P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
March, 2010 ??Rev. 11
CAT24C01 ONSEMI-CAT24C01_16 Datasheet
182Kb / 23P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
November, 2016 ??Rev. 31
CAT24C01 ONSEMI-CAT24C01_12 Datasheet
215Kb / 20P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
September, 2012 ??Rev. 22
CAT24C04WI ONSEMI-CAT24C04WI Datasheet
232Kb / 21P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb I2C CMOS Serial EEPROM
July, 2013 ??Rev. 27
logo
Catalyst Semiconductor
CAT24C01 CATALYST-CAT24C01 Datasheet
370Kb / 17P
   1-Kb, 2-Kb, 4-Kb, 8-Kb and 16-Kb CMOS Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com