Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KRA556U Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KRA556U
Description  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRA556U Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KRA556U Datasheet HTML 1Page - KEC(Korea Electronics) KRA556U Datasheet HTML 2Page - KEC(Korea Electronics) KRA556U Datasheet HTML 3Page - KEC(Korea Electronics) KRA556U Datasheet HTML 4Page - KEC(Korea Electronics) KRA556U Datasheet HTML 5Page - KEC(Korea Electronics) KRA556U Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
2008. 11. 20
6/6
KRA551U~KRA556U
Revision No : 5
V =-5V
100
-1
30
10
50
500
300
KRA553U
O
-30
-3
-10
-3
-1
5
10
30
50
100
300
V =-5V
KRA552U
O
-10
-30
-100
Ta=100 C
Ta=25 C
Ta=-25 C
Ta=-25 C
Ta=25 C
Ta=100 C
OUTPUT CURRENT I
(mA)
-3
-1
5
10
30
50
-10
O
-30
OUTPUT CURRENT I
(mA)
O
100
300
V =-5V
KRA551U
O
G
- I
I
O
G
- I
I
O
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
OUTPUT CURRENT I
(mA)
O
G
- I
I
O
-100
-100
Ta=100 C
Ta=25 C
Ta=-25 C
30
-3
10
-1
-10
-30
-100
50
100
300
500
V =-5V
KRA554U
O
Ta=25 C
Ta=-25 C
Ta=100 C
30
-3
10
-1
-10
-30
-100
50
100
300
500
V =-5V
KRA555U
O
Ta=25 C
Ta=-25 C
Ta=100 C
30
-3
10
-1
-10
-30
-100
50
100
500
300
KRA556U
V =-5V
O
Ta=-25 C
Ta=25 C
Ta=100 C


Similar Part No. - KRA556U

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KRA556E KEC-KRA556E Datasheet
113Kb / 6P
   EPITAXIAL PLANAR PNP TRANSISTOR (SWITCHING, INTERFACE CIRCUIT AND DRIVER CIRCUIT)
More results

Similar Description - KRA556U

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com