Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3213T31 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIC3213T31
Description  SEMICONDUCTOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3213T31 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIC3213T31 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 5Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 6Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 7Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 8Page - KEC(Korea Electronics) KIC3213T31 Datasheet HTML 9Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2013. 5. 28
2/9
KIC3213MF/T12~33
Revision No : 2
VIN
GND
VREF
VEN
VOUT
PWTR
R
A
RB
ON/OFF
Control
Error Amp
Fold - back Circuit
&
CurrentLimit Block
Reference
Voltage
Block Diagram
Selection Guide
The output voltage, package type for the ICs can be selected at the user s request.
The selection can be made with designating the part number as shown below;
KIC3213
□ □
□□
← Part Number
a
bc
Code
Contents
a
Item name
KIC3213 : 150mA CMOS LDO
b
Designation of Package Type :
MF : UDFN1010-4
T : TSV
c
Setting Output Voltage (VOUT) :
Stepwise setting with a step of 0.1V in the range of 1.2V to 3.3V is possible.
CIN=0.47µF
Ceramic
COUT=0.47µF
Ceramic
VIN
VEN
KIC3213 Series
GND
VOUT
Active High : Output ON
Application Circuit
Stability with ceramic output capacitors
Recommended VEN Operating Range
CIN = COUT = 0.47㎌
VIN ≥ VEN


Similar Part No. - KIC3213T31

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3213MF12 KEC-KIC3213MF12 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF13 KEC-KIC3213MF13 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF14 KEC-KIC3213MF14 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF15 KEC-KIC3213MF15 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
KIC3213MF16 KEC-KIC3213MF16 Datasheet
450Kb / 9P
   150mA CMOS High Performance LDO Regulator
More results

Similar Description - KIC3213T31

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com