Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC27321 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27321
Description  SINGLE 9-A HIGH SPEED LOW SIDE MOSFET DRIVER WITH ENABLE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC27321 Datasheet(HTML) 4 Page - Texas Instruments

  UCC27321 Datasheet HTML 1Page - Texas Instruments UCC27321 Datasheet HTML 2Page - Texas Instruments UCC27321 Datasheet HTML 3Page - Texas Instruments UCC27321 Datasheet HTML 4Page - Texas Instruments UCC27321 Datasheet HTML 5Page - Texas Instruments UCC27321 Datasheet HTML 6Page - Texas Instruments UCC27321 Datasheet HTML 7Page - Texas Instruments UCC27321 Datasheet HTML 8Page - Texas Instruments UCC27321 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
UCC27321, UCC27322
UCC37321, UCC37322
SLUS504C − SEPTEMBER 2002 − REVISED NOVEMBER 2004
4
www.ti.com
electrical characteristics, VDD = 4.5 V to 15 V, TA = −40°C to 105°C for UCC2732x, TA = 0°C to 70°C
for UCC3732x, TA = TJ, (unless otherwise noted) (continued)
switching time (4)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
tR, rise time (OUT)
CLOAD = 10 nF
20
70
tF, fall time (OUT)
CLOAD = 10 nF
20
30
ns
tD1, propagation delay, IN rising (IN to OUT)
CLOAD = 10 nF
25
70
ns
tD2, propagation delay, IN falling (IN to OUT)
CLOAD = 10 nF
35
70
NOTES:
4. See Figure 1 for switching waveforms.
0V
5V
0V
IN
OUT
20%
80%
80%
20%
80%
80%
OUT
(a)
(b)
VTH
VTH
VDD
tD1
tD2
tF
tR
IN
VTH
tD1
tD2
tR
tF
VTH
Figure 1. Switching Waveforms for (a) Inverting Input to (b) Output Times(6)
20%
80%
80%
VIN_H
VIN_L
tD3
tD4
tR
tF
0V
5V
0V
ENBL
OUT
VDD
Figure 2. Switching Waveform for Enable to Output(6)
NOTES:
6. The 20% and 80% thresholds depict the dynamics of the BiPolar output devices that dominate the power MOSFET transition through
the Miller regions of operation.


Similar Part No. - UCC27321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27321 TI-UCC27321 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results

Similar Description - UCC27321

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27322-EP TI1-UCC27322-EP_15 Datasheet
1,014Kb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_15 Datasheet
1Mb / 35P
[Old version datasheet]   Single 9-A High-Speed Low-Side Mosfet Driver With Enable
UCC27322-EP TI1-UCC27322-EP_16 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1 Datasheet
925Kb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI-UCC27321_08 Datasheet
869Kb / 28P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321-Q1 TI1-UCC27321-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27321 TI1-UCC27321_13 Datasheet
1Mb / 31P
[Old version datasheet]   SINGLE 9-A HIGH SPEED LOW- SIDE MOSFET DRIVER WITH ENABLE
UCC27322-EP TI-UCC27322-EP Datasheet
496Kb / 22P
[Old version datasheet]   SINGLE 9-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
UCC27423-EP TI1-UCC27423-EP_16 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 4-A High-Speed Low-Side MOSFET Driver With Enable
UCC27423-EP TI1-UCC27423-EP Datasheet
988Kb / 29P
[Old version datasheet]   DUAL 4-A HIGH-SPEED LOW-SIDE MOSFET DRIVER WITH ENABLE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com