Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC28023N Datasheet(PDF) 8 Page - Texas Instruments

Part # UC28023N
Description  ECONOMY HIGH-SPEED PWM CONTROLLER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC28023N Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC28023N Datasheet HTML 4Page - Texas Instruments UC28023N Datasheet HTML 5Page - Texas Instruments UC28023N Datasheet HTML 6Page - Texas Instruments UC28023N Datasheet HTML 7Page - Texas Instruments UC28023N Datasheet HTML 8Page - Texas Instruments UC28023N Datasheet HTML 9Page - Texas Instruments UC28023N Datasheet HTML 10Page - Texas Instruments UC28023N Datasheet HTML 11Page - Texas Instruments UC28023N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
UC28023
UC28025
SLUS557B − MARCH 2003 − REVISED APRIL 2004
8
www.ti.com
APPLICATION INFORMATION
PCB LAYOUT CONSIDERATIONS
High speed circuits demand careful attention to layout and component placement. To assure proper
performance of the UC2802x follow these rules:
1.
Use a ground plane.
2.
Damp or clamp parasitic inductive kick energy from the gate of driven MOSFETs. Do not allow the output
pins to ring below ground. A series gate resistor or a shunt 1-A Schottky diode at the output pin serves this
purpose.
3.
Bypass VCC, VC, and VREF. Use 0.1-
µF monolithic ceramic capacitors with low equivalent series
inductance. Allow less than 1-cm of total lead length for each capacitor between the bypassed pin and the
ground plane.
4.
Treat the timing capacitor, CT, as a bypass capacitor.
ERROR AMPLIFIER
Figure 2 shows a simplified schematic of the UC2802x error amplifier and Figures 3 and 4 show its
characteristics.
UDG−03049
200
INV
NI
VREF
EAOUT
2
1
16
3
5.1 V
Figure 2. Simplified Error Amplifier Schematic


Similar Part No. - UC28023N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28023N TI1-UC28023N Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023NG4 TI1-UC28023NG4 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
More results

Similar Description - UC28023N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC28023 TI1-UC28023_13 Datasheet
303Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC28023 TI-UC28023_15 Datasheet
289Kb / 19P
[Old version datasheet]   ECONOMY HIGH-SPEED PWM CONTROLLER
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823 TI-UC1823 Datasheet
409Kb / 7P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com