Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIC3201S-36 Datasheet(PDF) 4 Page - KEC(Korea Electronics)

Part # KIC3201S-36
Description  SEMICONDUCTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC3201S-36 Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KIC3201S-36 Datasheet HTML 1Page - KEC(Korea Electronics) KIC3201S-36 Datasheet HTML 2Page - KEC(Korea Electronics) KIC3201S-36 Datasheet HTML 3Page - KEC(Korea Electronics) KIC3201S-36 Datasheet HTML 4Page - KEC(Korea Electronics) KIC3201S-36 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2013. 7. 04
4/5
KIC3201S/T-12 ~ KIC3201S/T-60
Revision No : 12
OUTPUT CURRENT IOUT (mA)
1.5
1.6
1.8
1.9
1.7
0
200
300
100
400
Fig. 1 IOUT - VOUT
INPUT VOLTAGE VIN (V)
1.4
1.0
1.2
1.8
2.0
1.6
01
5
34
7
6
28
Fig. 2 VIN - VOUT
INPUT VOLTAGE VIN (V)
5
20
15
0
10
04
26
8
Fig. 3 VIN - ISS
1.75
1.70
1.80
1.90
1.85
0
-20
100
60
-60
-40
40
20
80
Fig. 4 Ta - VOUT
Topr = 25 C
85 C
-40 C
Topr = 85 C
25 C
-40 C
Ambient Temp Ta ( C)
V
IN = 2.8V
C
IN = CL = 1.0µF(Ceramic)
Topr = 25 C
C
IN = CL = 1.0µF(Ceramic)
KIC3201S/T-18
I
OUT = 1mA
100mA
40mA
I
OUT = 1mA
40mA
Application Circuit
VIN
VIN
GND
VOUT
VOUT
CIN
1
µF
(Ceramic)
CL
1
µF
(Ceramic)
Block Diagram
V
OUT
V
IN
GND
+
1
2
3
OVER CURRENT
PROTECTION
VRef


Similar Part No. - KIC3201S-36

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIC3201S-36 KEC-KIC3201S-36 Datasheet
383Kb / 6P
   CMOS Linear Integrated Circuit Large Current Positive Voltage Regulator
KIC3201S-36 KEC-KIC3201S-36 Datasheet
477Kb / 5P
   CMOS Linear Integrated Circuit
KIC3201S-36 KEC-KIC3201S-36 Datasheet
385Kb / 5P
   CMOS Linear Integrated Circuit
More results

Similar Description - KIC3201S-36

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com