Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KIA431BAM2 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KIA431BAM2
Description  SEMICONDUCTOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA431BAM2 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KIA431BAM2 Datasheet HTML 1Page - KEC(Korea Electronics) KIA431BAM2 Datasheet HTML 2Page - KEC(Korea Electronics) KIA431BAM2 Datasheet HTML 3Page - KEC(Korea Electronics) KIA431BAM2 Datasheet HTML 4Page - KEC(Korea Electronics) KIA431BAM2 Datasheet HTML 5Page - KEC(Korea Electronics) KIA431BAM2 Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2016. 03. 23
2/6
KIA431AA/BA/CA Series
Revision No : 3
LINE UP
ORDERING INFORMATION
KIA431
Pb-Free / Halogen-Free
Packing Specification
Pin Configuration <SOT-23(2) Only>
Package code
Imin Specification
Vref Tolerance code
Type No.
Operating Voltage(V)
Package
Marking
KIA431AA
2.5 ~ 36
TO-92(1)
-
KIA431BA
KIA431CA
KIA431AAM
SOT-23(2)
4AA
KIA431BAM
4BA
KIA431CAM
4CA
KIA431AAM2
41A
KIA431BAM2
41B
KIA431CAM2
41C
Vref Tolerance code
Imin Code
Package Code
Pin Configuration
<SOT-23(2) only>
Packing Specification
Pb-Free /
Halogen-Free
A
±1.0%
Code
Spec.
Blank
TO-92(1)
Blank
A-Type
RTK
RTK type
P
Pb-Free
B
±0.5%
A
100uA (Max)
M
SOT-23(2)
2
B-Type
H
Halogen-Free
C
±0.3%
PIN ASSIGNMENTS
3
21
Cathode
Ref
Anode
(A-Type)
SOT-23(2)
3
21
Cathode
Ref
Anode
(B-Type)
SOT-23(2)
3
2
1
ANODE
REFERENCE
CATHODE
TO-92(1)


Similar Part No. - KIA431BAM2

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KIA431B KEC-KIA431B Datasheet
8Kb / 1P
   Laser Marking
KIA431B KEC-KIA431B Datasheet
417Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431B KEC-KIA431B Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431BCF KEC-KIA431BCF Datasheet
389Kb / 7P
   SEMICONDUCTOR
KIA431BCM KEC-KIA431BCM Datasheet
389Kb / 7P
   SEMICONDUCTOR
More results

Similar Description - KIA431BAM2

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
   SEMICONDUCTOR
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
   SEMICONDUCTOR
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
   SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
   SEMICONDUCTOR
KGT15N60FDA KEC-KGT15N60FDA Datasheet
1Mb / 8P
   SEMICONDUCTOR
KIA78R000F-PI KEC-KIA78R000F-PI Datasheet
108Kb / 10P
   SEMICONDUCTOR
KIA324P-F KEC-KIA324P-F Datasheet
70Kb / 4P
   SEMICONDUCTOR
KIA378R015FP-PI KEC-KIA378R015FP-PI Datasheet
843Kb / 9P
   SEMICONDUCTOR
KIA7905F-PI KEC-KIA7905F-PI Datasheet
568Kb / 16P
   SEMICONDUCTOR
KPC817 KEC-KPC817 Datasheet
61Kb / 4P
   SEMICONDUCTOR
KRC410V KEC-KRC410V Datasheet
54Kb / 4P
   SEMICONDUCTOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com