Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

202-324-20-38 Datasheet(PDF) 2 Page - Marl International Limited

Part # 202-324-20-38
Description  BULB REPLACEMENT LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

202-324-20-38 Datasheet(HTML) 2 Page - Marl International Limited

  202-324-20-38 Datasheet HTML 1Page - Marl International Limited 202-324-20-38 Datasheet HTML 2Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
202 SERIES
BULB REPLACEMENT LED
To order please contact us on +44 (0) 1229 582 430
F +44 (0) 1229 585 155 | E sales@marl.co.uk | www.leds.co.uk
Q 05480
DSN 202 Version 2015-05-28-140300. Page 2 of 2
TECHNICAL DATA
Series
Lamp Base Style
Metric Equivalent
Max. Power Dissipation
202
T1 Sub Midget Flange SX3s
3
360
mW
mm
mW
TECHNICAL DRAWING
Weight (g): 8.3
Dimensions in mm (typical). Not to scale. Green dot on base of product signifies centre contact cathode -ve. Colour sleeve on product denotes LED colour.
3.10
1.6
10.3
DE-RATING GRAPHS
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Red / Yellow LED
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Blue / Green LED
8.5
DESIGN CONSIDERATIONS
Single-Chip LEDs
All devices feature water clear high intensity LEDs as
standard. In devices where discrete LEDs are used, the
single chip LED devices have been modified by the removal
of the domed portion of the encapsulation (flat-topped) to
provide even illumination of switches and annunciators. Non
flat topped versions are also available.
Flat-topping does not apply to devices using surface-
mounted device (SMD) LEDs.
Product Evaluation
Filament replacement LEDs have been specifically designed
to meet the primary objective of providing improved
reliability. As this product range is suitable for both new-build
and retro-fit, (sometimes in very old systems), a wide range
of illuminated push button switches and lamp holders can
be encountered. Due to subjectivity, evaluation of the LED
type is recommended, (samples of all standard models are
available). Care should be taken to correctly simulate
operating ambient light conditions to ensure that the correct
device has been selected to maximise viewing
characteristics such as viewing angle, colour compatibility
and on/ off contrast ratio.
Electro-Static Discharge (ESD)
Build up of electro-static discharge occurs in many
situations involving people moving and handling
products.The range of possible situations is very diverse
but voltage levels as high as several thousand volts can and
do arise in many individual situations. When an operator
charged up to these levels handles a static sensitive device,
there is a very probable likelihood that the device will be
irreversibly damaged. It is essential that precautions are
taken at all stages during manufacture and assembly of
these products. Although LEDs were never considered to
be static sensitive devices, changes in manufacturing
technology and materials used to produce higher intensity
products over a large range of the wavelength spectrum
have changed this. Marl has an approved system of ESD
control from goods in, through production and into final
packing and despatch. Marl recommend all users of LED
based products follow the guidelines of BS 100015.
Voltage, Current and Temperature
The forward voltage / current value of an LED is dependent
upon the ambient temperature of the environment in which
it is operated. Therefore, care must be taken to operate the
LED at the correct voltage / current values, depending upon
the ambient temperature.
Marl should be contacted if the device is to be operated
outside the temperature range specified. Marl accept no
liability for any product that is operated outside the stated
voltage or temperature range.
marlleds
marlinternationallimited
company/marl-international-limited
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Warm White LED
50
40
30
20
10
0
020
40
60
80
100
Ambient Temperature Ta (°C)
Cool White LED
8.5


Similar Part No. - 202-324-20-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
202-324-20-38 MARL-202-324-20-38 Datasheet
247Kb / 3P
   FILAMENT REPLACEMENT LEDs - T1
202-324-20-38 MARL-202-324-20-38 Datasheet
273Kb / 5P
   Direct replacement for French Style T1 Midget Flange SX3s
More results

Similar Description - 202-324-20-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
208-501-20-38 MARL-208-501-20-38 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
206-501-20-38 MARL-206-501-20-38_15 Datasheet
216Kb / 2P
   BULB REPLACEMENT LED
209-501-20-38 MARL-209-501-20-38_15 Datasheet
219Kb / 2P
   BULB REPLACEMENT LED
205-501-20-38 MARL-205-501-20-38_15 Datasheet
232Kb / 2P
   BULB REPLACEMENT LED
204-501-20-38 MARL-204-501-20-38 Datasheet
222Kb / 2P
   BULB REPLACEMENT LED
logo
Everlight Electronics C...
EHP-A22-KM01H-PU5-35K EVERLIGHT-EHP-A22-KM01H-PU5-35K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-GT01H EVERLIGHT-EHP-A22-GT01H Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-45K EVERLIGHT-EHP-A22-KM01H-PU5-45K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-40K EVERLIGHT-EHP-A22-KM01H-PU5-40K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
EHP-A22-KM01H-PU5-27K EVERLIGHT-EHP-A22-KM01H-PU5-27K Datasheet
636Kb / 24P
   High Wattage Replacement Bulb
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com