Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2745B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # U2745B
Description  UHF ASK TRANSMITTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2745B Datasheet(HTML) 1 Page - ATMEL Corporation

  U2745B Datasheet HTML 1Page - ATMEL Corporation U2745B Datasheet HTML 2Page - ATMEL Corporation U2745B Datasheet HTML 3Page - ATMEL Corporation U2745B Datasheet HTML 4Page - ATMEL Corporation U2745B Datasheet HTML 5Page - ATMEL Corporation U2745B Datasheet HTML 6Page - ATMEL Corporation U2745B Datasheet HTML 7Page - ATMEL Corporation U2745B Datasheet HTML 8Page - ATMEL Corporation U2745B Datasheet HTML 9Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Rev. 4734A–RKE–11/03
Features
Very High Transmitting Frequency Accuracy Compared to SAW Solutions
(Enables Receivers at Lower Bandwidth than with SAW Resonators)
Lower Cost than the Usual Discrete Solutions Using SAW and Transistors
Supply Voltage 2.2 V to 4.0 V in the Temperature Range of -40
°C to 85°C
XTO Output for Clocking the Microcontroller, Thereby Together with the ATAR090 or
ATAR890 Results in the Optimum System Cost-effectiveness
One-chip Solution with Minimum External Circuitry
Very Small SSO16 Package, Pitch 0.635, 150 mil
“Single-ended Open-collector” Output (Same Antennas Can Be Used as in Discrete
Solutions, Simpler Adaptation of Magnetic Loop Antennas)
ESD Protection According to MIL-STD.883 (4 KV HBM) Except Pins XTO1/ 2,
ANT and LF
Electrostatic sensitive device.
Observe precautions for handling.
Description
The U2745B is a PLL transmitter IC which has been especially developed for the
demands of RF low-cost data transmission systems at data rates up to 20 kBaud.
The transmitting frequency range is 310 MHz to 440 MHz. It can be used in ASK sys-
tems. The main applications of the U2745B are in the areas of outside temperature
metering, socket control, garage door opener, consumption metering, light/fan or air-
condition control, jalousies, wireless keyboard and various other consumer market
applications.
UHF ASK
Transmitter
U2745B


Similar Part No. - U2745B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2740B TEMIC-U2740B Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
U2740B-BFP TEMIC-U2740B-BFP Datasheet
264Kb / 10P
   UHF AM/FM Transmitter
logo
Agilent(Hewlett-Packard...
U2741A HP-U2741A Datasheet
672Kb / 15P
   Voltage and current programming and readback
logo
Keysight Technologies
U2741A KEYSIGHT-U2741A Datasheet
1Mb / 11P
   USB Modular Digital Multimeter
logo
ATMEL Corporation
U2741B ATMEL-U2741B Datasheet
187Kb / 9P
   UHF ASK/FSK TRANSMITTER
More results

Similar Description - U2745B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA2745M-TCQY ATMEL-ATA2745M-TCQY Datasheet
237Kb / 10P
   UHF ASK Transmitter
ATA2745 ATMEL-ATA2745 Datasheet
237Kb / 10P
   UHF ASK Transmitter
T5753 ATMEL-T5753 Datasheet
213Kb / 13P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750 Datasheet
212Kb / 12P
   UHF ASK/FSK TRANSMITTER
logo
Micrel Semiconductor
MICRF103 MICREL-MICRF103 Datasheet
41Kb / 7P
   QwikRadio UHF ASK Transmitter
logo
ATMEL Corporation
ATA5756 ATMEL-ATA5756 Datasheet
321Kb / 20P
   UHF ASK/FSK TRANSMITTER
U2741B ATMEL-U2741B_05 Datasheet
200Kb / 11P
   UHF ASK/FSK TRANSMITTER
T5750 ATMEL-T5750_07 Datasheet
211Kb / 13P
   UHF ASK/FSK Transmitter
T5753 ATMEL-T5753_08 Datasheet
270Kb / 13P
   UHF ASK/FSK Transmitter
ATA5756 ATMEL-ATA5756_08 Datasheet
340Kb / 20P
   UHF ASK/FSK Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com