Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210-501-22-38 Datasheet(PDF) 1 Page - Marl International Limited

Part # 210-501-22-38
Description  Direct replacement for T3 쩌 Midget Edison Screw E10
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

210-501-22-38 Datasheet(HTML) 1 Page - Marl International Limited

  210-501-22-38 Datasheet HTML 1Page - Marl International Limited 210-501-22-38 Datasheet HTML 2Page - Marl International Limited 210-501-22-38 Datasheet HTML 3Page - Marl International Limited 210-501-22-38 Datasheet HTML 4Page - Marl International Limited 210-501-22-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
features
specifications
to order
Ordering information and typical characteristics (Ta = 25°C)
BS EN ISO 9001:2008
approved manufacturer
210 series
• Direct replacement for T3 ¼ Midget Edison Screw E10
• Centre contact Cathode version available
• Ideal for industrial pushbutton switches and annunciator
panels
• Durable to shock and vibration
• Warm white LEDs may be used behind coloured lens as a
true replacement for a filament lamp
• Pack Quantity = 20 Pieces
Part
Number
Colour
Voltage
Vac/dc
Current
DC
(mA)
Luminous
Intensity
(mcd)
Wave
Length
(nm)
Operating
Temp.
(°C)
Storage
Temp.
(°C)
De-rating
Graphs
210-501-21-38
Red
12 Vdc
10
600
630
-40 - +80
-40 - +100
D
210-521-21-38
Yellow
12 Vdc
10
600
585
-40 - +80
-40 - +100
D
210-532-21-38
Green
12 Vdc
20
2300
515
-40 - +75
-40 - +100
F
210-930-21-38
Blue
12 Vdc
14
9870
465
-30 - +85
-40 - +100
U
210-997-21-38
White
12 Vdc
20
785
* See pg.2
-30 - +85
-40 - +100
B
210-993-21-38
Warm White
12 Vdc
20
850
* See pg.2
-30 - +85
-40 - +100
I
210-501-23-38
Red
24 - 28 Vdc
14
600
630
-40 - +80
-40 - +100
D
210-521-23-38
Yellow
24 - 28 Vdc
14
600
585
-40 - +80
-40 - +100
D
210-532-23-38
Green
24 - 28 Vdc
14
2300
515
-40 - +75
-40 - +100
F
210-997-23-38
White
24 - 28 Vdc
14
785
* See pg.2
-30 - +85
-40 - +100
B
210-993-23-38
Warm White
24 - 28 Vdc
14
850
* See pg.2
-30 - +85
-40 - +100
I
^ = Voltage for 20mA product is Vf at 20mA, not Vopr
- Products must be de-rated according to the de-rating information. Each de-rating graph refers to
specific LEDs. Please refer to graphs on page 2.
- Luminous intensity is measured at 20mA on a discrete LED unless otherwise stated.
to order please contact us on: t: +44 (0)1229 582 430
f: +44 (0)1229 585 155 e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the
intention of providing information, which must not be copied or released to a third party without prior
written consent from marl international limited. the information provided does not constitute part of any
order or contract and should not be regarded as a representation relating to either products or service. no
responsibility can be assumed for inaccuracies or printing errors. marl international limited reserve the right
to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 210 - version 2014-02-27-173221
page 1 of 5


Similar Part No. - 210-501-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210-501-22-38 MARL-210-501-22-38 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
More results

Similar Description - 210-501-22-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
255 MARL-255 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
214-501-75-50 MARL-214-501-75-50_13 Datasheet
251Kb / 5P
    Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
215 MARL-215 Datasheet
286Kb / 5P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
212 MARL-212 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com