Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

210-993-23-38 Datasheet(PDF) 4 Page - Marl International Limited

Part # 210-993-23-38
Description  Direct replacement for T3 쩌 Midget Edison Screw E10
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MARL [Marl International Limited]
Direct Link  http://www.leds.co.uk
Logo MARL - Marl International Limited

210-993-23-38 Datasheet(HTML) 4 Page - Marl International Limited

  210-993-23-38 Datasheet HTML 1Page - Marl International Limited 210-993-23-38 Datasheet HTML 2Page - Marl International Limited 210-993-23-38 Datasheet HTML 3Page - Marl International Limited 210-993-23-38 Datasheet HTML 4Page - Marl International Limited 210-993-23-38 Datasheet HTML 5Page - Marl International Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
to order
also available
The products listed above illustrate all of the options available to order. These products may have custom modifications that
alter their operation beyond the generic information contained within this datasheet. Please contact sales for further
information.
RP = Reverse Polarity
BS EN ISO 9001:2008
approved manufacturer
210 series
Part numbers also available in the 210 series:
Part
Number
Colour
Voltage
Vopr
210-501-22-38
Red
24 Vdc
210-501-25-38
Red
110 Vdc
210-521-04-38
Yellow
20 mA dc
210-521-22-38
Yellow
24 Vdc
210-521-25-38
Yellow
110 Vdc
210-532-22-38
Green
24 Vdc
210-532-25-38
Green
110 Vdc
210-930-22-38
Blue
24 Vdc
210-993-25-38
Warm White
110 Vdc
210-993-37-38
Warm White
60 Vdc RP
210-993-48-38
Warm White
60 Vdc
210-993-70-38
Warm White
5/6 Vac 50 Hz
210-993-73-38
Warm White
28 Vac 50 Hz
210-993-84-38
Warm White
130 Vac
210-997-20-38
White
5/6 Vdc
210-997-22-38
White
24 Vdc
210-997-75-38
White
110 Vac 50 Hz
210-997-76-38
White
230 Vac 50 Hz
210-997-84-38
White
130 Vac
to order please contact us on: t: +44 (0)1229 582 430 f: +44 (0)1229 585 155
e: sales@marl.co.uk w: www.leds.co.uk
© marl international limited technical documentation has been designed by marl international limited for the intention of
providing information, which must not be copied or released to a third party without prior written consent from marl
international limited. the information provided does not constitute part of any order or contract and should not be regarded as a
representation relating to either products or service. no responsibility can be assumed for inaccuracies or printing errors. marl
international limited reserve the right to alter without notice the specification or any conditions of supply for product or service.
marl international limited - dsn 210 - version 2014-02-27-173221
page 4 of 5


Similar Part No. - 210-993-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
210-993-23-38 MARL-210-993-23-38 Datasheet
331Kb / 3P
   FILAMENT REPLACEMENT LEDs - T3쩌 MES E10
210-993-23-38 MARL-210-993-23-38 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210-993-23-38 MARL-210-993-23-38 Datasheet
290Kb / 5P
   filament replacement leds
210-993-23-38 MARL-210-993-23-38 Datasheet
290Kb / 5P
   filament replacement leds
More results

Similar Description - 210-993-23-38

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
261 MARL-261 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
210 MARL-210 Datasheet
290Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
211 MARL-211 Datasheet
281Kb / 5P
   Direct replacement for T3 쩌 Midget Edison Screw E10
261-990-95-38_1311 MARL-261-990-95-38_1311 Datasheet
215Kb / 3P
   Direct replacement for T3 쩌 Midget Edison Screw E10
255 MARL-255 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
214-501-75-50 MARL-214-501-75-50_13 Datasheet
251Kb / 5P
    Direct replacement for T3 쩌 BA9s Incandescent
255-501-64-38_1312 MARL-255-501-64-38_1312 Datasheet
285Kb / 5P
   Direct replacement for T3 쩌 BA9s Incandescent
215-501-21-38 MARL-215-501-21-38_14 Datasheet
226Kb / 4P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
215 MARL-215 Datasheet
286Kb / 5P
   Direct replacement for T3 쩌 Bayonet Automobile Cap
212 MARL-212 Datasheet
266Kb / 5P
   Direct replacement for T1 쩐 Lilliput Edison Screw E5
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com