Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 88 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 88 page
background image
Electrical Specifications
80
SLES099A—April 2004
TVP5147PFP
3.3
Electrical Characteristics
For minimum/maximum values: IOVDD = 3 V to 3.6 V, DVDD = 1.65 V to 1.95 V, AVDD33 = 3 V to 3.6 V,
AVDD18 = 1.65 V to 1.95 V, TA = 0°C to 70°C
For typical values: IOVDD = 3.3 V, DVDD = 1.8 V, AVDD33 = 3.3 V, AVDD18 = 1.8 V, TA = 25°C
3.3.1 DC Electrical Characteristics (see Note 1)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IDDIO(D) 3.3-V IO digital supply current
CVBS
6
mA
IDDIO(D) 3.3-V IO digital supply current
S-video
6
mA
IDD(D)
1.8-V digital supply current
CVBS
55
mA
IDD(D)
1.8-V digital supply current
S-video
55
mA
IDD33(A) 3.3-V analog supply current
CVBS
24
mA
IDD33(A) 3.3-V analog supply current
S-video
39
mA
IDD18(A) 1.8-V analog supply current
CVBS
79
mA
IDD18(A) 1.8-V analog supply current
S-video
135
mA
PTOT
Total power dissipation (normal operation)
S-video
490
mW
PSAVE
Total power dissipation (power save)
53.2
mW
PDOWN
Total power dissipation (power down)
10
mW
Ilkg
Input leakage current
10
µA
Ci
Input capacitance
By design
8
pF
VOH
Output voltage high
0.8 IOVDD
V
VOL
Output voltage low
0.2 IOVDD
V
NOTE 1: Measured with a load of 10 k
Ω in parallel to 15 pF.
3.3.2 Analog Processing and A/D Converters
3.3.2.1
Fs = 30 MSPS for CH1, CH2
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Zi
Input impedance, analog video inputs
By design
200
k
Ci
Input capacitance, analog video inputs
By design
10
pF
Vi(pp)
Input voltage range
Ccoupling = 0.1 µF
0.5
1
2
V
∆G
Gain control range
−6
6
dB
DNL
Differential nonlinearity
AFE only
0.75
1
LSB
INL
Integral nonlinearity
AFE only
1
2.5
LSB
Fr
Frequency response
Multiburst (60 IRE)
−0.9
dB
XTALK
Crosstalk
1 MHz
−50
dB
SNR
Signal-to-noise ratio, all channels
1 MHz, 1 VP-P
54
dB
GM
Gain match (Note 1)
Full scale, 1 MHz
1.5%
NS
Noise spectrum
Luma ramp (100 kHz to full, tilt-null)
−58
dB
DP
Differential phase
Modulated ramp
0.5
°
DG
Differential gain
Modulated ramp
±1.5%
VO
Output voltage
CL = 10 pF
2
2.4
V
NOTE 1: Component inputs only




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl