Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 71 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 71 page
background image
Functional Description
63
SLES099A—April 2004
TVP5147PFP
2.11.64 VDP FIFO Interrupt Threshold Register
Subaddress
BDh
Default
80h
7
6
5
4
3
2
1
0
Threshold [7:0]
Threshold [7:0]: This register is programmed to trigger an interrupt when the number of words in the FIFO
exceeds this value.
NOTE: 1 word equals 2 bytes.
2.11.65 VDP FIFO Reset Register
Subaddress
BFh
Default
00h
7
6
5
4
3
2
1
0
Reserved
FIFO reset
FIFO reset: Writing any data to this register clears the FIFO and VDP data register (CC, WSS, VITC and VPS).
After clearing, this register is automatically cleared.
2.11.66 VDP FIFO Output Control Register
Subaddress
C0h
Default
00h
7
6
5
4
3
2
1
0
Reserved
Host access enable
Host access enable: This register is programmed to allow the host port access to the FIFO or to allow all VDP
data to go out the video output.
0 = Output FIFO data to the video output Y[9:2] (default)
1 = Allow host port access to the FIFO data
2.11.67 VDP Line Number Interrupt Register
Subaddress
C1h
Default
00h
7
6
5
4
3
2
1
0
Field 1 enable
Field 2 enable
Line number [5:0]
Field 1 interrupt enable:
0 = Disabled (default)
1 = Enabled
Field 2 interrupt enable:
0 = Disabled (default)
1 = Enabled
Line number [5:0]: Interrupt line number (default 00h)
This register is programmed to trigger an interrupt when the video line number exceeds this value in bits [5:0].
This interrupt must be enabled at address F4h.
NOTE: The line number value of 0 or 1 is invalid and does not generate an interrupt.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl