Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 58 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 58 page
background image
Functional Description
50
SLES099A—April 2004
TVP5147PFP
2.11.36 Status 2 Register
Subaddress
3Bh
Read only
7
6
5
4
3
2
1
0
Signal present
Weak signal detection
PAL switch polarity
Field sequence status
Reserved
Macrovision detection [2:0]
Signal present detection:
0 = Signal not present
1 = Signal present
Weak signal detection:
0 = No weak signal
1 = Weak signal mode
PAL switch polarity of first line of odd field:
0 = PAL switch is zero.
1 = PAL switch is one.
Field sequence status:
0 = Even field
1 = Odd field
Macrovision detection [2:0]:
000 = No copy protection
001 = AGC pulses/pseudo syncs present (type 1)
010 = 2-line color stripe only present
011 = AGC pulses/pseudo syncs and 2-line color stripe present (type 2)
100 = Reserved
101 = Reserved
110 = 4-line color stripe only present
111 = AGC pulses/pseudo syncs and 4-line color stripe present (type 3)
2.11.37 AGC Gain Status Register
Subaddress
3Ch−3Dh
Read only
Subaddress
7
6
5
4
3
2
1
0
3Ch
Fine gain [7:0]
3Dh
Coarse gain [3:0]
Fine gain [11:8]
Fine gain [11:0]: This register provides the fine gain value of sync channel.
1111 1111 1111 = 1.9995
1000 0000 0000 = 1
0010 0000 0000 = 0.5
Coarse gain [3:0]: This register provides the coarse gain value of sync channel.
1111 = 2
0101 = 1
0000 = 0.5
These AGC gain status registers are updated automatically by the TVP5147 decoder with AGC on. In manual
gain control mode, these register values are not updated by the TVP5147 decoder.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl