Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5147PFP Datasheet(PDF) 57 Page - Texas Instruments

Click here to check the latest version.
Part No. TVP5147PFP
Description  NTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER
Download  98 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 57 page
background image
Functional Description
49
SLES099A—April 2004
TVP5147PFP
2.11.35
Status 1 Register
Subaddress
3Ah
Read only
7
6
5
4
3
2
1
0
Peak white
detect status
Line-alternating
status
Field rate
status
Lost lock
detect
Color subcarrier
lock status
Vertical sync
lock status
Horizontal sync
lock status
TV/VCR
status
Peak white detect status:
0 = Peak white is not detected.
1 = Peak white is detected.
Line-alternating status:
0 = Nonline-alternating
1 = Line-alternating
Field rate status:
0 = 60 Hz
1 = 50 Hz
Lost lock detect:
0 = No lost lock since this bit was cleared.
1 = Lost lock since this bit was cleared.
Color subcarrier lock status:
0 = Color subcarrier is not locked.
1 = Color subcarrier is locked.
Vertical sync lock status:
0 = Vertical sync is not locked.
1 = Vertical sync is locked.
Horizontal sync lock status:
0 = Horizontal sync is not locked.
1 = Horizontal sync is locked.
TV/VCR status:
0 = TV
1 = VCR




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
SAA7114PAL/NTSC/SECAM video decoder with adaptive PAL/NTSC comb filter VBI data slicer and high performance scaler 1 2 3 4 5 MoreNXP Semiconductors
SAA7115PAL/NTSC/SECAM Video Decoder with Adaptive PAL/NTSC Comb Filter High Performance Scaler I2C Sliced Data Readback and SQ PIXEL OUTPUT 1 2 3 4 5 MoreNXP Semiconductors
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5040NTSC/PAL Digital Video Decoder With Macrovision Detection 1 2 3 4 5 MoreTexas Instruments
SAF7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors
SAA7118Multistandard video decoder with adaptive comb filter and component video input 1 2 3 4 5 MoreNXP Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl